Electronic Components Datasheet Search
  English  ▼

X  

TC820 Datasheet(PDF) 17 Page - TelCom Semiconductor, Inc

Part # TC820
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820 Datasheet(HTML) 17 Page - TelCom Semiconductor, Inc

Back Button TC820 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 18Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 19Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 20Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 21Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
3-165
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC820
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
Figure 15. Suggested Crystal Oscillator Circuit
5pF
37
38
39
110k
Ω
10pF
75pF
TC820
Figure 14. DGND and COM Outputs
+
–
12
µA
P
TC820
LOGIC
SECTION
5V
3.2V
N
N
VDD
VSS
COM
DGND
Figure 16. R-C Oscillator Circuit
Typical values are R = 10k
Ω and C = 68pF. The resistor
value should be
≥100kΩ. For accurate frequency measure-
ment, an R-C oscillator frequency of 40kHz is required.
System Timing
All system timing is derived from the clock oscillator. The
clock oscillator is divided by 2 prior to clocking the A/D
counters. The clock is also divided by 8 to drive the buzzer,
by 240 to generate the LCD backplane frequency, and by
40,000 for the frequency counter time base. A simplified
diagram of the system clock is shown in Figure 17.
Component Value Selection
Auto Zero Capacitor — CAZ
The value of the auto-zero capacitor (CAZ) has some
influence on system noise. A 0.47
µF capacitor is recom-
mended; a low dielectric absorption capacitor (Mylar) is
required.
Reference Voltage Capacitor — CREF
The reference voltage capacitor used to ramp the inte-
grator output voltage back to zero during the reference
integrate cycle is stored on CREF. A 0.1µF capacitor is
typical. A good quality, low leakage capacitor (such as
Mylar) should be used.
Integrating Capacitor — CINT
CINT should be selected to maximize integrator output
voltage swing without causing output saturation. Analog
common will normally supply the differential voltage
reference. For this case, a
±2V integrator output swing is
optimum when the analog input is near full scale. For 2.5
readings/second (fOSC = 40kHz) and VFS = 400mV, a 0.22µF
value is suggested. If a different oscillator frequency is used,
CINT must be changed in inverse proportion to maintain the
0.3
RC
Clock Oscillator
The TC820 oscillator can be controlled with either a
crystal or with an inexpensive resistor-capacitor combina-
tion. The crystal circuit, shown in Figure 15, is recommended
when high accuracy is required in the frequency counter
mode. The 40kHz crystal is a standard frequency for ultra-
sonic alarms, and will provide a 1-second time base for the
counter or 2.5 analog-to-digital conversions per second.
Consult the crystal manufacturer for detailed applications
information.
Where low cost is important, the R-C circuit of Figure 16
can be used. The frequency of this circuit will be approxi-
mately:
fOSC =
TC820
40kHz
38
39
5 pF
10pF
22 M
Ω
470k
Ω
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com