Electronic Components Datasheet Search
  English  ▼

X  

TC820 Datasheet(PDF) 14 Page - TelCom Semiconductor, Inc

Part # TC820
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820 Datasheet(HTML) 14 Page - TelCom Semiconductor, Inc

Back Button TC820 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 18Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
3-162
TELCOM SEMICONDUCTOR, INC.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820
Table I. TC820 Control Input Truth Table
Logic Input
FREQ/
RANGE/
TC820
VOLTS
FREQ
LOGIC
Function
X
X
1
Logic Probe
0
0
0
A/D Converter,
VFULL SCALE = 2
VREF
0
1
0
A/D Converter,
VFULL SCALE = 20
VREF
1
Frequency
0
Frequency Counter
Counter Input
NOTES: 1. Logic "0" = DGND
2. Logic "1" = VDD
Figure 9.
Common-Mode Voltage Reduces Available
Integrator Swing (VCOM
VIN)
+
–
+
–
RI
CI
VI
VIN
INTEGRATOR
INPUT
BUFFER
+
–
TI= Integration Time =
CI= Integration Capacitor
RI= Integration Resistor
4000
f
VCM
OSC
Where:
VI =
[
[
VCM
VIN
–
TI
RI CI
FREQ/VOLTS
This input determines whether the TC820 is in the
analog-to-digital conversion mode or in the frequency counter
mode. When FREQ/VOLTS is connected to VDD, the TC820
will measure frequency at the RANGE/FREQ input. When
unconnected, or connected to DGND, the TC820 will oper-
ate as an analog-to-digital converter. This input has an
internal 5
µA pull-down to DGND.
LOGIC
The LOGIC input is used to activate the logic probe
function. When connected to VDD, the TC820 will enter the
logic probe mode. The LCD will show "OL" and all decimal
points will be off. The decimal point inputs directly control
"high" and "low" display annunciators. When LOGIC is
unconnected, or connected to DGND, the TC820 will per-
form analog-to-digital or frequency measurements as se-
lected by the FREQ/VOLTS input. The LOGIC input has an
internal 5
µA pull-down to DGND.
system where input signals are not referenced (float)
with respect to the TC820 power source. The analog common
potential of VDD – 3.3V gives a 7V end-of-battery-life voltage.
The analog common potential has a voltage coefficient of
0.001%/%.
With a sufficiently high total supply voltage (VDD – VSS
> 7V), analog common is a very stable potential with excellent
temperature stability (typically 35ppm/
°C). This potential
can be used to generate the TC820 reference voltage. An
external voltage reference will be unnecessary in most
cases, because of the 35ppm/
°C temperature coefficient.
See the applications section for details.
Function Control Input Pin
Functional Description
The TC820 operating modes are selected with the
function control inputs. The control input truth table is shown
in Table I. The high logic threshold is
≥ VDD - 1.5V and the
low logic level is
≤ DGND +1.5V.
RANGE/FREQ
The function of this dual-purpose pin is determined by
the FREQ/VOLTS input. When FREQ/VOLTS is connected
to VDD, RANGE/FREQ is the input for the frequency counter
function. Pulses at this input are counted with a time base
equal to fOSC/40,000. Since this input has CMOS input levels
(VDD - 1.5V and DGND +1.5V), an external buffer is recom-
mended.
When the TC820 analog-to-digital converter function is
selected, connecting RANGE/FREQ to VDD will divide the
integration time by 10. Therefore, the RANGE/FREQ input
can be used to perform a 10:1 range change without
changing external components.
DP0/LO, DP1/HI
The function of these dual-purpose pins is determined
by the LOGIC input. When the TC820 is in the analog-to-
digital converter mode, these inputs control the LCD decimal
points. The decimal point truth table is shown in Table II.
These inputs have internal 5
µA pull-downs to DGND when
the voltage/frequency measurement mode is active.
Table II. TC820 Decimal Point Truth Table
Decimal Point Inputs
DP1
DP0
LCD
0
0
3999
0
1
399.9
1
0
39.99
1
1
3.999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com