Electronic Components Datasheet Search
  English  ▼

X  

TC820 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC820
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC820 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
3-150
TELCOM SEMICONDUCTOR, INC.
3-3/4 DIGIT A/D CONVERTER WITH
FREQUENCY AND LOGIC PROBE
TC820
A "peak reading hold" input allows the TC820 to retain
the highest A/D or frequency reading. This feature is useful
in measuring motor starting current, maximum tempera-
ture, and similar applications.
A family of instruments can be created with the TC820.
No additional design effort is required to create instruments
with 3-3/4 digit resolution.
The TC820 operates from a single 9V battery, with
typical power of 10 mW. Packages include a 40-pin plastic
DIP, 44-pin plastic flat package, and 44-pin PLCC.
COMPETITIVE EVALUATION
Features Comparison
TC820
7106
3-3/4 Digit Resolution
Yes
No
Auto-Ranging Frequency Counter
Yes
No
Logic Probe
Yes
No
Decimal Point Drive
Yes
No
Peak Reading Hold
Yes
No
(Frequency or Voltage)
Display Hold
Yes
No
Simple 10:1 Range Change
Yes
No
Buzzer Drive
Yes
No
Low Battery Detection
Yes
No
With Annunciator
Overrange Detection
Yes
No
With Annunciator
Low Drift Reference
Yes
No
Underrange/Overrange
Yes
No
Logic Output
Input Overload Display
"OL"
"1"
LCD Annunciator Driver
Yes
No
LCD Drive Type
Triplexed
Direct
LCD Pin Connections
15
24
LCD Elements
36
23
GENERAL DESCRIPTION
The TC820 is a 3-3/4 digit measurement system com-
bining an integrating analog-to-digital converter, frequency
counter, and logic level tester in a single package. The
TC820 supersedes the TC7106 in new designs by improv-
ing performance and reducing system cost. The TC820
adds features that are difficult, expensive, or impossible to
provide with older A/D converters (see the competitive
evaluation). The high level of integration permits TC820-
based instruments to deliver higher performance and more
features, while actually reducing parts count. Fabricated in
low-power CMOS, the TC820 directly drives a 3-3/4 digit
(3999 maximum) LCD.
With a maximum range of 3999 counts, the TC820
provides 10 times greater resolution in the 200mV to 400mV
range than traditional 3-1/2 digit meters. An auto-zero cycle
guarantees a zero reading with a 0V input. CMOS process-
ing reduces analog input bias current to only 1pA. Rollover
error (the difference in readings for equal magnitude but
opposite polarity input signals) is less than
±1 count. Differ-
ential reference inputs permit ratiometric measurements for
ohms or bridge transducer applications.
The TC820's frequency counter option simplifies design
of an instrument well-suited to both analog and digital
troubleshooting: voltage, current, and resistance measure-
ments, plus precise frequency measurements to 4MHz
(higher frequencies can be measured with an external
prescaler), and a simple logic probe. The frequency counter
will automatically adjust its range to match the input fre-
quency, over a four-decade range.
Two logic level measurement inputs permit a TC820-
based meter to function as a logic probe. When combined
with external level shifters, the TC820 will display logic levels
on the LCD and also turn on a piezoelectric buzzer when the
measured logic level is low.
Other TC820 features simplify instrument design and
reduce parts count. On-chip decimal point drivers are in-
cluded, as is a low battery detection annunciator. A piezo-
electric buzzer can be controlled with an external switch or
by the logic probe inputs. Two oscillator options are pro-
vided: A crystal can be used if high accuracy frequency
measurements are desired, or a simple RC option can be
used for low-end instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com