Electronic Components Datasheet Search
  English  ▼

X  

TC820 Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC820
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820 Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC820 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 16Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
3-160
TELCOM SEMICONDUCTOR, INC.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820
In systems where common-mode voltages exist, the
86dB common-mode rejection ratio minimizes error. Com-
mon-mode voltages do, however, affect the integrator out-
put level. A worst-case condition exists if a large, positive
VCM exists in conjunction with a full-scale, negative differen-
tial signal. The negative signal drives the integrator output
positive along with VCM (Figure 9). For such applications, the
integrator output swing can be reduced below the recom-
mended 2V full-scale swing. The integrator output will swing
within 0.3V of VDD or VDD without increased linearity error.
Reference (VDD, VSS)
The TC820 reference, like the analog signal input, has
true differential inputs. In addition, the reference voltage can
be generated anywhere within the power supply voltage of
the converter. The differential reference inputs permit
ratiometric measurements and simplify interfacing with sen-
sors, such as load cells and temperature sensors.
DP3
DP2
DP1
0Hz – 3999Hz
4kHz – 39.99kHz
40kHz – 399.9kHz
400kHz
≥
DP3
DP2
DP1
NONE
DECIMAL POINT
fIN
Figure 5. TC820 Auto-Range Decimal Point Selection
vs Frequency Counter Input
HIGH
LOW
LCD
DRIVERS
DISABLE A/D CONVERTER
TO
BUZZER
DP0/LO
DP1/HI
LOGIC
CMOS
LOGIC
LEVELS
EXTERNAL
LOGIC LEVEL
DETECTION
AND PULSE
STRETCHING
VDD
TC820
LOGIC
PROBE
INPUT
NC
LCD
Figure 6. Logic Probe Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com