Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3476
Description  High Current Quad Output LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 1 Page - Linear Technology

  LT3476 Datasheet HTML 1Page - Linear Technology LT3476 Datasheet HTML 2Page - Linear Technology LT3476 Datasheet HTML 3Page - Linear Technology LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3476
1
3476fa
High Current
Quad Output LED Driver
The LT®3476 is a quad output DC/DC converter designed
to operate as a constant-current source for driving high
current LEDs. A fixed frequency, current mode architecture
results in stable operation over a wide range of supply and
output voltages. A frequency adjust pin allows the user to
program switching frequency between 200kHz and 2MHz
to optimize efficiency and external component size.
The LT3476 senses output current at the high side of
the LED. High side current sensing is the most flexible
scheme for driving LEDs, allowing buck, boost or buck-
boost configurations. Each current monitor threshold is
trimmed to within 2.5% at the full scale of 105mV. With
an external sense resistor, the user programs the output
current range of each channel. Each of the four regulators
is independently operated by that channel’s PWM signal.
This PWM feature allows precise adjustment of the color
mixing or dimming ratio of the LED source. Dimming
ratios up to 1000:1 can be achieved.
■
RGGB Lighting
■
Automotive and Avionic Lighting
■
TFT LCD Backlighting
■
Constant-Current Sources
■
True Color PWMTM Dimming Delivers Up to 5000:1
Dimming Ratio (In Boost Configuration)
■
LED Current Regulation with High-Side Sense
■
VADJ Pin Accurately Sets LED Current Sense
Threshold Over Range 10mV to 120mV
■
Four Independent Driver Channels with 1.5A, 36V
Internal NPN Switches
■
Frequency Adjust Pin: 200kHz to 2MHz
■
High Efficiency Conversion = Up to 96%
■
Open LED Protection
■
Low Quiescent Current
22mA in Active Mode
<10μA in Shutdown Mode
■
Wide VIN Range: 2.8V to 16V
■
Thermally Enhanced, 38-Lead, 5mm × 7mm
QFN Package
100W Quad 1A
× 8 LED Driver
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners.
1000:1 PWM Dimming at 100Hz
10μH
2.2μF
1nF
21k
REF
CAP1-4
SW4
1.05V
SW1
CAP1
100mΩ
LED1
1A
SW2
SW3
VC1-4
VADJ1-4
LED1-4
VIN
PWM1-4
PWM1-4
RT
0.22μF
0.22μF
UP TO
8 LEDS
VIN
2.8V TO 16V
PVIN
33V
CAP2
100mΩ
LED2
GND
SHDN
LT3476
3476 TA01
SHDN
10μH
100k
2.2μF
× 4
4.99k
0.22μF
0.22μF
1A
1A
1A
10μH
CAP3
100mΩ
LED3
CAP4
100mΩ
LED4
10μH
PWM
5V/DIV
ILED
500mA/DIV
5μs/DIV
3476 TA02


Similar Part No. - LT3476

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3476 LINER-LT3476 Datasheet
441Kb / 24P
60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3476 LINER-LT3476 Datasheet
403Kb / 28P
32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3476 LINER-LT3476 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3476 LINER-LT3476 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3476 LINEAR_DIMENSIONS-LT3476 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3658 NSC-DS3658 Datasheet
99Kb / 4P
Quad High Current Peripheral Driver
DS3669 NSC-DS3669 Datasheet
98Kb / 4P
Quad High Current Peripheral Driver
logo
List of Unclassifed Man...
D469A ETC1-D469A Datasheet
338Kb / 4P
Quad High-Current Power Driver
logo
Toshiba Semiconductor
TC62D748CFNAG TOSHIBA-TC62D748CFNAG Datasheet
380Kb / 23P
16-Output Constant Current LED Driver
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG Datasheet
317Kb / 20P
16-Output Constant Current LED Driver
TC62D723FG MARKTECH-TC62D723FG Datasheet
715Kb / 44P
16-Output constant current LED driver
TC62D748CFG MARKTECH-TC62D748CFG Datasheet
347Kb / 23P
16-Output Constant Current LED Driver
logo
Linear Technology
LT3476 LINER-LT3476_15 Datasheet
244Kb / 14P
High Current Quad Output LED Driver
logo
Marktech Corporate
TC62D749CFNAG MARKTECH-TC62D749CFNAG_15 Datasheet
380Kb / 23P
16-Output Constant Current LED Driver
logo
Texas Instruments
DS3658 TI1-DS3658_14 Datasheet
223Kb / 9P
Quad High Current Peripheral Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com