Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3476
Description  High Current Quad Output LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 5 Page - Linear Technology

  LT3476 Datasheet HTML 1Page - Linear Technology LT3476 Datasheet HTML 2Page - Linear Technology LT3476 Datasheet HTML 3Page - Linear Technology LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3476
5
3476fa
PI FU CTIO S
VC1, VC4, VC3, VC2, (Pins 1, 12, 13, 38): Error Amplifier
Compensation Pin. When PWM is low, VCpinfloatsexternal
compensation capacitor to save state for next cycle.
LED1, LED2, LED3, LED4, (Pins 2, 5, 8, 11): Non-
Inverting Input of Current Sense Error Amplifier. Connect
directly to LED current sense resistor terminal. Switcher
will regulate this node to a voltage of 0.1 • VADJ below the
CAP node. Also connected to CAP node through external
sense resistor and to anode of LED string. Do not allow
this pin to float independently of corresponding CAP input
pin. In applications where the LED current is low and the
PVIN changes widely, connect the output filter capacitor
to LEDn.
CAP1, CAP2, CAP3, CAP4, (Pins 3, 4, 9, 10): Inverting
input of current sense error amplifier. Connect directly to
other terminal of LED current sense resistor. Also con-
nected to output filter capacitor and cathode of external
Schottky rectifier. CAP greater than the overvoltage protect
threshold will inhibit switching.
RT (Pin 6): Oscillator Programming Pin. Place resistor
connected to GND to program oscillator frequency.
REF: (Pin 7): Reference Output Pin. Connect to VADJ pin
to get full-scale LED current. Connect to resistor dividers
to program VADJ pins to values lower than 1.05V. Bypass
to local GND with 0.1μF capacitor.
VADJ4, VADJ3, VADJ2, VADJ1, (Pins 14, 15, 36, 37): LED
Current Adjustment Pin. Sets voltage across external sense
resistor between CAPn and LEDn. Connect directly to
REF for full-scale threshold of 105mV, or use signal vales
between GND and REF to modulate LED current. VADJ pin
input range is 1.25V maximum.
PWM4, PWM3, PWM2, PWM1, (Pins 16, 17, 34, 35):
Signal low turns off the channel—disables the main
switch, reduces quiescent supply current to the channel,
and causes the VC pin for the channel to become high
impedance.
SHDN (Pin 18): Shutdown Pin. Higher than 1.5V turns
the device on.
NC (Pins 19, 20, 21, 30, 31, 32): Not Used. Connect to
GND (Pin 39) for better heat dissipation.
SW4,SW3,SW2,SW1,(Pins22,23,24,25,26,27,28,29):
SwitchPin.Connecttoexternalinductorandanodeofexternal
Schottky rectifier. Minimize area of SW trace and use a
GND plane to reduce EMI. Adjacent pins of same name
are internally connected.
VIN (Pin 33): Input Supply Pin. Must be locally by-
passed.
GND (Pin 39): Signal and Power GND. Solder Exposed
Pad directly to ground plane. The Exposed Pad metal of
the package provides both electrical contract to ground
and good thermal contact to the printed circuit board.
It must be soldered to the circuit board for proper
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com