Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3476
Description  High Current Quad Output LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 3 Page - Linear Technology

  LT3476 Datasheet HTML 1Page - Linear Technology LT3476 Datasheet HTML 2Page - Linear Technology LT3476 Datasheet HTML 3Page - Linear Technology LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3476
3
3476fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current Idle
PWM1-4 = 0V
5.5
mA
Quiescent Current Active (Not Switching)
VC1-4 = 0V
22
30
mA
Switching Frequency
RT = 8.25k
RT = 21k
RT = 140k
1700
850
160
2000
1000
200
2300
1150
240
kHz
kHz
kHz
Nominal RT Pin Voltage
1.26
V
Maximum Duty Cycle
RT = 8.25k (2MHz)
RT = 21k (1MHz)
RT = 140k (200kHz)
84
76
90
98
%
%
%
VADJ1-4 Input Bias Current
Current Out of Pin
–10
20
100
nA
VC1-4 Idle Input Bias Current
PWM1-4 = 0V
–20
0
20
nA
EAMP GM (ΔIVC/ΔVCAP-LED)
200
μS
VC Output Impedance
3MΩ
SW1-4 Current Limit
Static Test
1.5
2
2.5
A
SW1-4 VCESAT
ISW = 1.3A to GND
350
mV
SW1-4 Leakage Current
SHDN = 0V
0.1
5
μA
CAP1-4 Overvoltage Protect Threshold
33.5
35
V
CAP1-4/LED1-4 Idle Input Bias Current
PWM1-4 < 0.4V, CAP = LED = 5V
100
nA
CAP1-4/LED1-4 Input Bias Current
CAP = LED = 5V
70
μA
SHDN Input Low Voltage
0.4
V
SHDN Input High Voltage
1.5
V
SHDN Pin Current
16
30
μA
PWM1-4 Input Low Voltage
0.4
V
PWM1-4 Input High Voltage
1.5
V
PWM1-4 Pin Current
50
100
μA
The ● denotes the specifications which apply over the full operating
temperature range, (Note 3) otherwise specifications are at TA = 25°C. SW1-4 = 5V, VIN = 3.3V, SHDN = 3.3V, RT = 21k to GND,
PWM1-4 = 3.3V, VADJ1-4 = REF, CAP1-4 = 5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LT3476E is guaranteed to meet specifications from 0°C to
85°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com