Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3476
Description  High Current Quad Output LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 4 Page - Linear Technology

  LT3476 Datasheet HTML 1Page - Linear Technology LT3476 Datasheet HTML 2Page - Linear Technology LT3476 Datasheet HTML 3Page - Linear Technology LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3476
4
3476fa
TEMPERATURE (°C)
–45
106
107
108
30
80
3476 G04
105
104
–20
5
55
105
103
102
DUTY CYCLE (%)
0
1.5
2
2.5
80
3476 G02
1
0.5
0
20
40
60
100
TYPICAL
MINIMUM
TEMPERATURE (°C)
0
1
2.5
3476 G05
0.5
2
1.5
–45
30
80
–20
5
55
105
RT (kΩ)
1
100
1000
10000
100
10
1000
3476 G03
V(CAP-LED) Threshold vs VADJ
V(CAP-LED) Threshold
vs Temperature, VADJ = VREF
Current Limit vs Duty Cycle
Switch Current Limit
vs Temperature
Oscillator Frequency vs RT
TYPICAL PERFOR A CE CHARACTERISTICS
–45
30
80
–20
5
55
105
TEMPERATURE (°C)
3476 G06
RT = 21k
1050
1100
1150
1000
950
900
850
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
1.040
1.050
1.065
3476 G07
1.045
1.060
1.055
–45
30
80
–20
5
55
105
Reference Voltage
VCAP (V)
102
106
3476 G08
105
104
103
108
107
010
20
515
25
35
30
VADJ = 1.05V
V(CAP-LED) Threshold vs V(CAP)
VIN (V)
0
10
15
16
3476 G09
5
0
4
8
12
25
20
PWM 1-4 = 3.6V
PWM 1-4 = 0V
VC = GND, NOT SWITCHING
TA = 25°C
Quiescent Current
VADJ (V)
0
0.3
0
60
150
0.6
0.9
3476 G01
30
120
90
1.2
1.5
TA = 25°C
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com