Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3476
Description  High Current Quad Output LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 2 Page - Linear Technology

  LT3476 Datasheet HTML 1Page - Linear Technology LT3476 Datasheet HTML 2Page - Linear Technology LT3476 Datasheet HTML 3Page - Linear Technology LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3476
2
3476fa
VIN ............................................................................16V
PWM1-4, SHDN ........................................................16V
SW1-4, LED1-4, CAP1-4...........................................36V
REF, RT, VADJ1-4, VC1-4 ................................................2V
Operating Temperature Range (Note 2).... –40°C to 85°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature ................................................. 300°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, (Note 3) otherwise specifications are at TA = 25°C. SW1-4 = 5V, VIN = 3.3V, SHDN = 3.3V, RT = 21k to GND,
PWM1-4 = 3.3V, VADJ1-4 = REF, CAP1-4 = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
2.8
16
V
Full-Scale LED Current Monitor Threshold
Over CAP1-4/LED1-4 Operating Range
●
102
100
105
107
108
mV
mV
One-Tenth Scale LED Current Monitor Threshold
VADJ1-4 = 100mV
8
12
16
mV
CAP1-4/LED1-4 Operating Range
2.2
36
V
REF Output Voltage
10μA ≥ IREF ≥ –200μA
●
1.032
1.050
1.063
V
REF Line Regulation
2.8V ≤ VIN ≤ 16V
0.003
%/V
Quiescent Current in Shutdown
SHDN = 0V
0.1
10
μA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
13 14 15 16
TOP VIEW
39
GND
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
VC1
LED1
CAP1
CAP2
LED2
RT
REF
LED3
CAP3
CAP4
LED4
VC4
NC
NC
SW1
SW1
SW2
SW2
SW3
SW3
SW4
SW4
NC
NC
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS GND
(MUST BE SOLDERED TO PCB)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3476EUHF#PBF
LT3476EUHF#TRPBF
3476
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3476EUHF
LT3476EUHF#TR
3476
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER I FOR ATIO
PI CO FIGURATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com