Electronic Components Datasheet Search
  English  ▼

X  

3507 Datasheet(PDF) 1 Page - Linear Technology

Part # 3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3507 Datasheet(HTML) 1 Page - Linear Technology

  3507 Datasheet HTML 1Page - Linear Technology 3507 Datasheet HTML 2Page - Linear Technology 3507 Datasheet HTML 3Page - Linear Technology 3507 Datasheet HTML 4Page - Linear Technology 3507 Datasheet HTML 5Page - Linear Technology 3507 Datasheet HTML 6Page - Linear Technology 3507 Datasheet HTML 7Page - Linear Technology 3507 Datasheet HTML 8Page - Linear Technology 3507 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3507
1
3507f
FEATURES
APPLICATIONS
DESCRIPTION
Triple Monolithic Step-Down
Regulator with LDO
The LT®3507 is a triple, current mode, DC/DC converter
with internal power switches and a low dropout regulator.
The switching converters are step-down converters capable
of generating one 2.4A output and two 1.5A outputs. All
three converters are synchronized to a single oscillator.
The 2.4A output runs with opposite phase to the other two
converters, reducing input ripple current. Each regulator
has independent shutdown and soft-start circuits, and
generates a power good signal when its output is in regu-
lation, easing power supply sequencing and interfacing
with microcontrollers and DSPs.
The switching frequency is set with a single resistor yielding
a range of 250kHz to 2.5MHz. The high switching frequency
allows the use of small inductors and capacitors resulting
in a very small triple output supply. The constant switching
frequency, combined with low impedance ceramic capaci-
tors, results in low, predictable output ripple. With its wide
input voltage range of 4V to 36V, the LT3507 regulates a
broad array of power sources including 5V logic rails,
unregulated wall transformers, lead acid batteries and
distributed power supplies.
n Wide Input Range: 4V to 36V
n One 2.4A and Two 1.5A Output Switching
Regulators with Internal Power Switches
n Low Dropout Linear Regulator with External
Transistor
n Antiphase Switching Reduces Ripple
n Independent Run, Tracking/Soft-Start, and Power
Good Indicators Ease Supply Sequencing
n Uses Small Inductors and Ceramic Capacitors
n Adjustable, 250kHz to 2.5MHz Switching Frequency,
Synchronizable Over the Full Range
n User Programmable Overvoltage and Undervoltage
Lockouts
n Thermally Enhanced, 38-Lead 5mm × 7mm QFN
Package
n DSL and Cable Modems
n Distributed Power Regulation
n DSP Power
n Automotive
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VIN1
BOOST1
BOOST3
SW3
FB3
VC3
BIAS
DRIVE
FB4
SW1
FB1
VC1
BOOST2
0.22μF
10.2k
53.6k
VIN
6V TO 36V
VOUT3
5V
1.5A
VIN2 VIN3
SW2
FB2
VC2
GND
LT3507
22μF
24.3k
3507 TA01a
107k
11.5k
VOUT2
3.3V
1.3A
VOUT4
2.5V
0.2A
RT/SYNC
680pF
15μH
2.2μF
22μF
fSW = 450kHz
0.22μF
0.22μF
15k
18.7k
VOUT1
1.8V
2.4A
100μF
18.7k
680pF
4.7μH
24.3k
1000pF
16.2k
11.5k
35.7k
10μH
22μF
VOUT2
Start-Up Waveforms—Coincident Tracking
5V, 3.3V, 2.5V and 1.8V Step-Down Regulator
1V/DIV
VOUT1
VOUT2
VOUT3
VOUT4
1ms/DIV
3507 TA01b


Similar Part No. - 3507

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
Switchcraft, Inc.
3507 SWITCH-3507 Datasheet
861Kb / 4P
Q-G®CORD PLUG CONNECTORS AND RECEPTACLES
logo
SCHOTT CORPORATION
35070 SCHOTT-35070 Datasheet
14Kb / 1P
INDUCTOR, PQ3211, 2.00 關H, 50 ADC
logo
List of Unclassifed Man...
35070 ETC2-35070 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
logo
Alpha Wire
35070 ALPHAWIRE-35070 Datasheet
393Kb / 4P
18 (16/30) AWG Tinned Copper
More results

Similar Description - 3507

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
Triple Monolithic Step-Down Regulator with LDO
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
logo
STMicroelectronics
L5964 STMICROELECTRONICS-L5964 Datasheet
369Kb / 16P
Automotive monolithic dual step-down switching regulator with LDO
24-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com