Electronic Components Datasheet Search
  English  ▼

X  

3507 Datasheet(PDF) 14 Page - Linear Technology

Part # 3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3507 Datasheet(HTML) 14 Page - Linear Technology

Back Button 3507 Datasheet HTML 10Page - Linear Technology 3507 Datasheet HTML 11Page - Linear Technology 3507 Datasheet HTML 12Page - Linear Technology 3507 Datasheet HTML 13Page - Linear Technology 3507 Datasheet HTML 14Page - Linear Technology 3507 Datasheet HTML 15Page - Linear Technology 3507 Datasheet HTML 16Page - Linear Technology 3507 Datasheet HTML 17Page - Linear Technology 3507 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3507
14
3507f
maximum duty cycle. The boost circuit also limits the
minimum input voltage for proper start-up. If the input
voltage ramps slowly, or the LT3507 turns on when the
output is already in regulation, the boost capacitor may
not be fully charged. Because the boost capacitor charges
with the energy stored in the inductor, the circuit will rely
on some minimum load current to get the boost circuit
running properly. This minimum load will depend on
input and output voltages, and on the arrangement of
the boost circuit. The minimum load current generally
goes to zero once the circuit has started. Figure 4 shows
a plot of minimum load to start and to run as a function
of input voltage. Even without an output load current, in
many cases the discharged output capacitor will present
a load to the switcher that will allow it to start.
The boost current is generally small but can become signifi-
cant at high duty cycles. The required boost current is:
IBOOST =
VOUT
VIN
IOUT
40
Converter with Backup Output Regulator
There is another situation to consider in systems where
the output will be held high when the input to the LT3507
is absent. If the VIN and one of the RUN pins are allowed
APPLICATIONS INFORMATION
Figure 3. Generating the Boost Voltage
Figure 4. The Minimum Input Voltage Depends on Output Voltage, Load Current and Boost Circuit
VIN
BOOST
GND
SW
VIN
LT3507
(3a)
D2
VOUT
C3
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
VIN
BOOST
GND
SW
VIN
LT3507
(3b)
D2
VOUT
C3
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2VIN
3507 F03
D2
VIN
BOOST
GND
SW
VIN
LT3507
(3c)
VOUT
VBOOST – VSW ≅ VINB
MAX VBOOST ≅ VINB + VIN
MINIMUM VALUE FOR VINB = 3V
VINB > 3V
C3
LOAD CURRENT (A)
0.001
5.5
5.0
4.0
3.0
4.5
3.5
2.5
3507 F04b
1.000
0.010
0.100
TA = 25°C
TO START
TO RUN
LOAD CURRENT (A)
0.001
8.0
7.5
6.5
5.5
4.5
7.0
6.0
5.0
4.0
3507 F04a
1.000
0.010
0.100
TA = 25°C
TO START
TO RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com