Electronic Components Datasheet Search
  English  ▼

X  

3507 Datasheet(PDF) 23 Page - Linear Technology

Part # 3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3507 Datasheet(HTML) 23 Page - Linear Technology

Back Button 3507 Datasheet HTML 19Page - Linear Technology 3507 Datasheet HTML 20Page - Linear Technology 3507 Datasheet HTML 21Page - Linear Technology 3507 Datasheet HTML 22Page - Linear Technology 3507 Datasheet HTML 23Page - Linear Technology 3507 Datasheet HTML 24Page - Linear Technology 3507 Datasheet HTML 25Page - Linear Technology 3507 Datasheet HTML 26Page - Linear Technology 3507 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT3507
23
3507f
The LDO pass transistor power is:
PNPN = IOUTLDO(VC – VOUTLDO)
where VC is the collector voltage on the NPN pass tran-
sistor.
Example: An LT3507 design requirements are:
VIN = 8V, f= 500kHz
V1 = 2.5V at I1 = 1.6A
V2 = 3.3V at I2 = 0.8A (used for boost, bias and V4)
V3 = 1.2V at I3 = 1A
V4 = 3V at I4 = 0.2A (from 3.3V output)
TA = 50°C, TJMAX = 125°C
θJA = 34°C/W
Schottky VF = 0.45V and Inductor ESR = 0.05Ω
PDISS(MAX) =
125
°C– 50°C
34
°C/W
= 2.2W
PSWDC1=
0.18
1.6A
()22.5V
8V
= 0.14W
PSWAC1= 17ns 1.6A
() 8V
() 500k
()=0.11W
PBST1=
2.5V 3.3V
() 1.6A
50
+ 0.02A
8V
= 0.06W
Similarly, PSWDC2 = 0.09W, PSWAC2 = 0.07W, PBST2 =
0.06W, PSWDC3 = 0.03W, PSWAC3 = 0.07W and PBST2 =
0.03W. Remember, the total current from channel 2 is I2
+ I4 since the LDO pass transistor draws from V2. Ignore
bias and boost currents.
PQ = 8V 3.5mA
()+3.3V 7.5mA
()=0.05W
PLDO = 8V
0.2A
100
= 0.02W
APPLICATIONS INFORMATION
The total dissipation on the LT3507 is the sum of all these
and is equal to 0.73W. Note that this is less than half of
PDISS(MAX). Next, the power dissipation of the external
components are:
PDIODE1 =
0.45V 8V – 2.5V – 0.45
()1.6A
8V
= 0.46W
PIND1 = 1.6A
()
2 0.05Ω = 0.13W
Similarly, PDIODE2 = 0.24W, PIND2 = 0.05W, PDIODE3 =
0.36W and PIND3 = 0.05W. And finally:
PNPN = 0.2A(3.3V – 3V) = 0.06W
Thus the total power dissipated by the LT3507 and external
components is 2.08W. The thermal analysis will use these
power dissipations to calculate the internal component
temperatures. Make sure that none of the components
exceed their rated temperature limits.
RELATED LINEAR TECHNOLOGY PUBLICATIONS
Application Notes 19, 35, 44, 76 and 88 contain more
detailed descriptions and design information for buck
regulators and other switching regulators. The LT1375
data sheet has a more extensive discussion of output
ripple, loop compensation, and stability testing. Design
Note 318 shows how to generate a dual polarity output
supply using a buck regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com