Electronic Components Datasheet Search
  English  ▼

X  

3507 Datasheet(PDF) 19 Page - Linear Technology

Part # 3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3507 Datasheet(HTML) 19 Page - Linear Technology

Back Button 3507 Datasheet HTML 15Page - Linear Technology 3507 Datasheet HTML 16Page - Linear Technology 3507 Datasheet HTML 17Page - Linear Technology 3507 Datasheet HTML 18Page - Linear Technology 3507 Datasheet HTML 19Page - Linear Technology 3507 Datasheet HTML 20Page - Linear Technology 3507 Datasheet HTML 21Page - Linear Technology 3507 Datasheet HTML 22Page - Linear Technology 3507 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3507
19
3507f
the TRK/SS2 voltage is substantially higher than 0.8V at
steady state and effectively turns off D1. D2 and D3 will
therefore conduct the same current and offer tight matching
between VFB2 and the internal precision 0.8V reference. In
the ratiometric mode with R6 = R2, TRK/SS2 equals 0.8V
at steady state. D1 will divert part of the bias current and
make VFB2 slightly lower than 0.8V. Although this error
is minimized by the exponential I-V characteristic of the
diodes, it does impose a finite amount of output voltage
deviation. Further, when channel 1’s output experiences
dynamic excursions (under load transient, for example),
channel 2 will be affected as well. Setting R6 to a value
that pushes the TRK/SS2 voltage to 1V at steady state will
eliminate these problems while providing near ratiometric
tracking.
The example shows channel 2 tracking channel 1, however
any channel may be set up to track any other channel.
If a capacitor is tied from the TRK/SS pin to ground, then
the internal pull-up current will generate a voltage ramp on
this pin. This results in a ramp at the output, limiting the
inductor current and therefore input current during start-up.
A good value for the soft-start capacitor is COUT/10,000,
where COUT is the value of the output capacitor.
MULTIPLE INPUT SUPPLIES
VIN1, VIN2 and VIN3 are independent and can be powered
with different voltages provided VIN1 is present when VIN2
or VIN3 is present. Each supply must be bypassed as close
to the VIN pins as possible.
For applications requiring large inductors due to high VIN
to VOUT ratios, a 2-stage step-down approach may reduce
inductor size by allowing an increase in frequency. A dual
step-down application steps down the input voltage (VIN1)
to the highest output voltage, then uses that voltage to
power the other outputs (VIN2 and VIN3). VOUT1 must be
able to provide enough current for its output plus the
input current at VIN2 and VIN3 when VOUT2 and VOUT3 are
at maximum load. The Typical Applications section shows
a 36V to 15V, 1.8V and 1.2V 2-stage converter using this
approach.
For applications with multiple voltages, the LT3507 can
accommodate input voltages as low as 3V on VIN2 and
APPLICATIONS INFORMATION
VIN3. This can be useful in applications regulating outputs
from a PCI Express bus, where the 12V input is power
limited and the 3.3V input has power available to drive
other outputs. In this case, tie the 12V input to VIN1 and
the 3.3V input to VIN2 and VIN3.
LOW DROPOUT REGULATOR
The low dropout regulator comprises an error amp, loop
compensation and a base drive amp. It uses the same
0.8V reference as the switching regulators. It requires an
external NPN pass transistor and 2.2μF of output capaci-
tance for stability.
The dropout characteristics will be determined by the pass
transistor. The collector-emitter saturation characteristics
will limit the dropout voltage. Table 4 lists some suitable
NPN transistors with their saturation specifications.
The base drive voltage has a maximum voltage of 5V.
This will limit the maximum output of the regulator to
5V – VBESAT where VBESAT is the base-emitter saturation
voltage of the pass transistor.
Table 4. NPN Pass Transistors and Saturation Characteristics
PART NUMBER
VCESAT
VBESAT
IC (mA)
IB (mA)
On Semiconductor
NSS30071
0.25
0.85
500
5
NSS30101
0.2
0.85
1000
10
Fairchild
KSC3265
0.4
500
20
The LDO is always on when any of the switcher channels
is on. The LDO may be shut down if it is unused by pull-
ing the FB4 pin up with a 30μA current source. The FB4
pin will clamp at about 1.25V and the LDO will shut off
reducing power consumption. This pull-up can be sourced
from one of the LT3507 outputs provided that channel is
always on when the other channels are on.
The output stage of the LDO will drive the NPN base from
the BIAS voltage if it is at least 0.8V above the LDO DRIVE
voltage.
FB Resistor Network
The output voltage of the LDO regulator is programmed
with a resistor divider (Refer to Block Diagram) between the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com