Electronic Components Datasheet Search
  English  ▼

X  

3507 Datasheet(PDF) 22 Page - Linear Technology

Part # 3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3507 Datasheet(HTML) 22 Page - Linear Technology

Back Button 3507 Datasheet HTML 18Page - Linear Technology 3507 Datasheet HTML 19Page - Linear Technology 3507 Datasheet HTML 20Page - Linear Technology 3507 Datasheet HTML 21Page - Linear Technology 3507 Datasheet HTML 22Page - Linear Technology 3507 Datasheet HTML 23Page - Linear Technology 3507 Datasheet HTML 24Page - Linear Technology 3507 Datasheet HTML 25Page - Linear Technology 3507 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3507
22
3507f
The maximum allowed power dissipation by the LT3507
can be determined by:
PDISS(MAX) =
TJ(MAX) –TA
θJA
where TJMAX is the maximum die temperature of 125°C
(150°C for H grade).
However, take care in determining TA since the catch
diodes also dissipate power and must be located close
to the LT3507. Another potential heat source is the LDO
pass transistor. In a compact layout the pass transistor
will be located close to the LT3507. The inductors will
also dissipate some power due to their series resistance
and they must be close to the LT3507. All of these heat
sources will increase the effective ambient temperature
seen by the LT3507.
A thorough analysis of eight heat sources in a small PCB
area is beyond the scope of this data sheet, however a
number of thermal analysis programs are available to
calculate the temperature rise in each component (such
as PCAnalyze from K&K Associates or BETAsoft from
Mentor). The power dissipation of each component will be
needed to accurately calculate the thermal characteristics
of the system.
The contributors to power dissipation inside the LT3507 are
switch DC loss, switch AC loss, boost current, quiescent
current and LDO drive current. The total dissipation within
the LT3507 can be expressed as:
PDISS =
PSWDCi +PSWACi +PBSTi
()+PQ +PLDO
i=1
3
∑
The switch DC and AC losses in channel i are:
PSWDCi =
RSWi IOUTi
()
2
VOUTi
VINi
PSWACi = 17ns IOUTi
() VINi
() f()
APPLICATIONS INFORMATION
where RSWi is the equivalent switch resistance (0.18Ω for
channel 1 and 0.22Ω for channels 2 and 3) and f is the
operating frequency.
The boost loss in channel i is:
PBSTi =
VOUTi VBOOSTi
() IOUTi
50
+ 0.02A
VINi
The quiescent loss is:
PQ = VIN1(IQ(VIN1)) + VBIAS(IQ(BIAS))
If the BIAS pin does not have a voltage of at least 3V ap-
plied, then VIN1 must replace VBIAS in the equation. Also,
IQ(VIN1) can be reduced by 0.2mA (typ) if the LDO is shut
off (see the LDO section).
The LDO drive loss is:
PLDO =(VBIAS VLDO(OUT) 0.7V)
IOUT(LDO)
PASS
,
if VBIAS VLDO(OUT) + 1.5V
or
PLDO =(VIN1 VLDO(OUT) 0.7V)
IOUT(LDO)
PASS
,
if VBIAS <VLDO(OUT) + 1.5V
where βPASS is the current gain of the external pass
transistor.
Next, the power in the external components must be taken
into account. The diode power is given by:
PDIODE =
VF VIN –VOUT –VF
()IOUT
VIN
where VF is the forward drop of the diode at IOUT.
The inductor power is:
PIND = (IOUT)2 ESRIND
where ESRIND is the inductor equivalent series resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com