Electronic Components Datasheet Search
  English  ▼

X  

LT3510 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3510
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3510 Datasheet HTML 3Page - Linear Technology LT3510 Datasheet HTML 4Page - Linear Technology LT3510 Datasheet HTML 5Page - Linear Technology LT3510 Datasheet HTML 6Page - Linear Technology LT3510 Datasheet HTML 7Page - Linear Technology LT3510 Datasheet HTML 8Page - Linear Technology LT3510 Datasheet HTML 9Page - Linear Technology LT3510 Datasheet HTML 10Page - Linear Technology LT3510 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3510
7
3510fc
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1 (Pin 1): The VIN1 pin powers the internal control
circuitry for both channels and is monitored by the
undervoltage lockout comparator. The VIN1 pin is also
connected to the collector of channel 1’s on-chip power
NPN switch. The VIN1 pin has high dI/dt edges and must
be decoupled to ground close to the pin of the device.
SW1/SW2 (Pins 2, 9): The SW pin is the emitter of the on-
chip power NPN. At switch off, the inductor will drive this
pin below ground with a high dV/dt. An external Schottky
catch diode to ground, close to the SW pin and respective
VINdecouplingcapacitor’sground,mustbeusedtoprevent
this pin from excessive negative voltages.
IND1/IND2 (Pins 3, 8): The IND pin is the input to the
on-chip sense resistor that measures current flowing in
the inductor. When the current in the resistor exceeds
the current dictated by the VC pin, the SW latch is held in
reset, disabling the output switch. Bias current flows out
of the IND pin when IND is less than 1.6V.
VOUT1/VOUT2 (Pins 4, 7): The VOUT pin is the output to
the on-chip sense resistor that measures current flowing
in the inductor. When the current in the resistor exceeds
the current dictated by the VC pin, the SW latch is held in
reset, disabling the output switch. Bias current flows out
of the VOUT pin when VOUT is less than 1.6V.
PG1/PG2 (Pins 5, 6): The power good pin is an open-col-
lector output that sinks current when the feedback falls
below 90% of its nominal regulating voltage. For VIN1
above 1V, its output state remains true, although during
shutdown, VIN1undervoltagelockoutorthermalshutdown,
its current sink capability is reduced. The PG pins can be
left open circuit or tied together to form a single power
good signal.
VIN2 (Pin 10): The VIN2 pin is the collector of channel 2’s
on-chip power NPN switch. This pin is independent of VIN1
and may be connected to the same or a separate supply. In
either case, high dI/dt edges are present and decoupling
to ground must be used close to this pin.
SS1/SS2 (Pins 19, 12): The SS1/2 pins control the soft-
start and sequence of their respective outputs. A single
capacitor from the SS pin to ground determines the outpt
ramp rate. For soft-start and output tracking/sequencing
details, see the Applications Information section.
VC1/VC2 (Pins 18, 13): The VC pin is the output of the
error amplifier and the input to the peak switch current
comparator. It is normally used for frequency compensa-
tion, but can also be used as a current clamp or control
loop override. If the error amplifier drives VC above the
maximum switch current level, a voltage clamp activates.
Dropout Operation
Inductor Value vs Frequency for
2A Maximum Load Current
Inductor Value vs Frequency for
2A Maximum Load Current
INPUT VOLTAGE (V)
2
0
1
2
3
4
34
5
6
3510 G27
5
6
2.5
3.5
4.5
5.5
FREQUENCY
1.5MHz
250kHz
LOAD = 1A
VOUT = 5V
VOUT = 3.3V
INPUT VOLTAGE (V)
7
250
500
1000
1250
1500
11
15
17
25
3510 G28
750
913
19
21
23
L = 2.2μH
L = 3.3μH
L = 4.7μH
L = 6.8μH
VOUT = 3.3V
IRIPPLE = 1A
INPUT VOLTAGE (V)
10
250
500
750
1000
1250
1500
12.5
15
17.5
20
3510 G29
22.5
25
VOUT = 5V
IRIPPLE = 1A
L = 2.2μH
L = 3.3μH
L = 4.7μH
L = 6.8μH
L = 10μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com