Electronic Components Datasheet Search
  English  ▼

X  

LT3510 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3510
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510 Datasheet(HTML) 4 Page - Linear Technology

  LT3510 Datasheet HTML 1Page - Linear Technology LT3510 Datasheet HTML 2Page - Linear Technology LT3510 Datasheet HTML 3Page - Linear Technology LT3510 Datasheet HTML 4Page - Linear Technology LT3510 Datasheet HTML 5Page - Linear Technology LT3510 Datasheet HTML 6Page - Linear Technology LT3510 Datasheet HTML 7Page - Linear Technology LT3510 Datasheet HTML 8Page - Linear Technology LT3510 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3510
4
3510fc
TYPICAL PERFORMANCE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
LT3510IFE is guaranteed and tested over the full –40°C to 125°C operating
junction temperature range.
Note 3: Minimum input voltage is defined as the voltage where internal
bias lines are regulated so that the reference voltage and oscillator remain
constant. Actual minimum input voltage to maintain a regulated output
will depend upon output voltage and load current. See Applications
Information.
Note 4: An internal power-on reset (POR) latch is set on the positive
transition of the SHDN pin through its threshold. The output of the latch
activates current sources on each SS pin which typically sink 1.5mA,
discharging the SS capacitor. The latch is reset when both SS pins are
driven below the soft-start POR threshold or the SHDN pin is taken below
its threshold.
Note 5: To enhance dropout operation, the output switch will be turned off
for the minimum off time only when the voltage across the boost capacitor
drops below the minimum boost for 100% duty cycle threshold.
Note 6: The IND to VOUT maximum current is defined as the value of
current flowing from the IND pin to the VOUT pin which resets the switch
latch when the VC pin is at its high clamp.
Note 7: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 8: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Feedback Voltage vs Temperature
RT/SYNC Voltage vs Temperature
Shutdown Threshold and Minimum
Input Voltage vs Temperature
Shutdown Quiescent Current
vs Temperature
Soft-Start Source Current
vs Temperature
TEMPERATURE (°C)
–50
0.806
0.811
0.816
25
75
3510 G02
0.801
0.796
–25
0
50
100
125
0.791
0.786
TEMPERATURE (°C)
–50
–25
0.95
0.99
1.05
0
50
75
3510 G03
0.97
1.03
1.01
25
100
125
TEMPERATURE (°C)
–50
2.0
2.5
3.0
25
75
3510 G04
1.5
1.0
–25
0
50
100
125
0.5
0
MINIMUM INPUT
VOLTAGE
SHUTDOWN
THRESHOLD
VOLTAGE
TEMPERATURE (°C)
–50
14
25
3510 G05
8
4
–25
0
50
2
0
16
12
10
6
75
100
125
VVIN1
VVIN2
TEMPERATURE (°C)
–50
2.0
2.2
2.6
2.8
3.0
4.0
3.4
0
50
75
3510 G07
2.4
3.6
3.8
3.2
–25
25
100
125
IND to VOUT Maximum Current vs
Temperature
TEMPERATURE (°C)
–50
2.0
2.2
2.6
2.8
3.0
4.0
3.4
–10
30
50
3510 G30
2.4
3.6
3.8
3.2
–30
10
70
VOUT = 5V
VOUT = 0V
90 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com