Electronic Components Datasheet Search
  English  ▼

X  

LT3510 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3510
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510 Datasheet(HTML) 5 Page - Linear Technology

  LT3510 Datasheet HTML 1Page - Linear Technology LT3510 Datasheet HTML 2Page - Linear Technology LT3510 Datasheet HTML 3Page - Linear Technology LT3510 Datasheet HTML 4Page - Linear Technology LT3510 Datasheet HTML 5Page - Linear Technology LT3510 Datasheet HTML 6Page - Linear Technology LT3510 Datasheet HTML 7Page - Linear Technology LT3510 Datasheet HTML 8Page - Linear Technology LT3510 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3510
5
3510fc
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start to Feedback Offset
Voltage vs Temperature
VC Switching Threshold Voltage
vs Temperature
Power Good Threshold Voltage
vs Temperature
Power Good Sink Current
vs Temperature
Minimum Switching Times
vs Temperature
Switching Frequency and Channel
Phase vs Temperature
Switching Frequency and Channel
Phase vs Temperature
Synchronization Clock Frequency
Range vs Temperature
Channel Phase vs Temperature
with External Synchronization
TEMPERATURE (°C)
–50
3
25
3510 G08
0
–2
–25
0
50
–3
–4
4
2
1
–1
75
100
125
TEMPERATURE (°C)
–50
800
900
1000
25
75
3510 G09
700
600
–25
0
50
100
125
500
400
VOUT = 5V
VOUT = 0V
TEMPERATURE (°C)
–50
600
620
660
680
700
800
740
0
50
75
3510 G10
640
760
780
720
–25
25
100
125
RISING
FALLING
TEMPERATURE (°C)
–50
500
550
650
700
750
1000
850
0
50
75
3510 G11
600
900
950
800
–25
25
100
125
TEMPERATURE (°C)
–50
50
70
110
130
150
250
190
0
50
75
3510 G12
90
210
230
170
–25
25
100
125
MINIMUM ON TIME
MINIMUM OFF TIME
TEMPERATURE (°C)
–50
200
210
230
240
250
300
270
0
50
75
3510 G13
220
280
290
260
100
110
130
140
150
200
170
120
180
190
160
–25
25
100
125
PHASE
FREQUENCY
RT/SYNC = 133k
TEMPERATURE (°C)
–50
1550
1600
1650
25
75
3510 G14
1500
1450
–25
0
50
100
125
1400
1350
190
195
200
185
180
175
170
165
160
155
150
FREQUENCY
PHASE
RRT/SYNC = 15.4k
TEMPERATURE (°C)
–50
–25
0
1000
2500
0
50
75
3510 G15
500
2000
1500
25
100
125
MAXIMUM
SYNCHRONIZATION
FREQUENCY
MINIMUM
SYNCHRONIZATION
FREQUENCY
TEMPERATURE (°C)
–50
168
170
174
176
178
188
182
0
50
75
3510 G16
172
164
186
180
–25
25
100
125
SYNCHRONIZATION
FREQUENCY = 250kHz
SYNCHRONIZATION
FREQUENCY = 1500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com