Electronic Components Datasheet Search
  English  ▼

X  

LT3510 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3510
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3510 Datasheet HTML 15Page - Linear Technology LT3510 Datasheet HTML 16Page - Linear Technology LT3510 Datasheet HTML 17Page - Linear Technology LT3510 Datasheet HTML 18Page - Linear Technology LT3510 Datasheet HTML 19Page - Linear Technology LT3510 Datasheet HTML 20Page - Linear Technology LT3510 Datasheet HTML 21Page - Linear Technology LT3510 Datasheet HTML 22Page - Linear Technology LT3510 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3510
19
3510fc
Figure 8. Undervoltage Lockout
If the synchronization signal powers up in a high impedance
state (Hi-Z), connect a resistor from the RT/SYNC pin to
ground. The equivalent resistance seen from the RT/SYNC
pin to ground will set the start-up frequency.
If the synchronization signal changes between high and
low impedance states during power up (VOL,Hi-Z),connect
the synchronization circuitry to the LT3510 as shown in
the Typical Applications section. This will allow the LT3510
to start-up with a switching frequency determined by the
equivalent resistance from the RT/SYNC pin to ground.
Shutdown and Undervoltage Lockout
Figure 8 shows how to add undervoltage lockout (UVLO)
to the LT3510. Typically, UVLO is used in situations where
the input supply is current limited, or has a relatively high
source resistance. A switching regulator draws constant
power from the source, so source current increases as
source voltage drops. This looks like a negative resistance
load to the source and can cause the source to current limit
or latch low under low source voltage conditions. UVLO
prevents the regulator from operating at source voltages
where these problems might occur.
An internal comparator will force the part into shutdown
below the minimum VIN1 of 2.8V. This feature can be
used to prevent excessive discharge of battery-operated
systems.
Since VIN2 supplies the output stage of channel 2 and is
not monitored, care must be taken to insure that VIN2 is
present before channel 2 is allowed to switch.
If an adjustable UVLO threshold is required, the SHDN
pin can be used. The threshold voltage of the SHDN
pin comparator is 1.28V. A 3μA internal current source
defaults the open-pin condition to be operating (see Typical
Performance Characteristics). Current hysteresis is added
above the SHDN threshold. This can be used to set voltage
hysteresis of the UVLO using the following:
R
VV
A
R
V
R
A
HL
H
1
7
2
128
128
1
3
=
=
+
–
.
–.
μ
μ
VH = Turn-on threshold
VL = Turn-off threshold
Example: switching should not start until the input is above
4.75V and is to stop if the input falls below 3.75V.
VH = 4.75V
VL = 3.75V
R
A
k
R
k
1
475 3 75
7
143
2
128
475 1 28
143
3
=≅
=
+
.– .
.
.– .
μ
μAA
k
≅ 47
Keep the connections from the resistors to the SHDN
pin short and make sure that the interplane or surface
capacitance to switching nodes is minimized. If high re-
sistor values are used, the SHDN pin should be bypassed
with a 1nF capacitor to prevent coupling problems from
the switch node.
Soft-Start
The output of the LT3510 regulates to the lowest voltage
present at either the SS pin or an internal 0.8V reference.
A capacitor from the SS pin to ground is charged by an
internal 3.25μA current source resulting in a linear output
ramp from 0V to the regulated output whose duration is
given by:
t
CV
A
RAMP
SS
=
•.
.
08
325
μ
+
1.28V
7μA
3μA
R1
R2
C1
SHDN
INTERNAL
REGULATOR
VIN1
VIN1 > 2.8V
3510 F08
VIN1 OR VIN2
LT3510
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com