Electronic Components Datasheet Search
  English  ▼

X  

LT3510 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3510
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3510 Datasheet HTML 20Page - Linear Technology LT3510 Datasheet HTML 21Page - Linear Technology LT3510 Datasheet HTML 22Page - Linear Technology LT3510 Datasheet HTML 23Page - Linear Technology LT3510 Datasheet HTML 24Page - Linear Technology LT3510 Datasheet HTML 25Page - Linear Technology LT3510 Datasheet HTML 26Page - Linear Technology LT3510 Datasheet HTML 27Page - Linear Technology LT3510 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3510
28
3510fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 1008 REV C • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1766
60V, 1.2A (IOUT), 200kHz High Efficiency Step-Down DC/DC
Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA, ISD = 25μA,
16-Lead TSSOPE Package
LT1933
500mA (IOUT), 500kHz Step-Down Switching Regulator in
SOT-23
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.6mA, ISD <1μA,
ThinSOTTM Package
LT1936
36V, 1.4A (IOUT), 500kHz High Efficiency Step-Down DC/DC
Converter
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.9mA, ISD <1μA,
8-Lead MS8E Package
LT1940
Dual 25V, 1.4A (IOUT), 1.1MHz High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 25V, VOUT(MIN) = 1.20V, IQ = 3.8mA, ISD <30μA,
16-Lead TSSOPE Package
LT1976/LT1977
60V, 1.2A (IOUT), 200kHz/500kHz High Efficiency Step-Down
DC/DC Converters with Burst Mode® Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.20V, IQ = 100μA, ISD <1μA,
16-Lead TSSOPE Package
LTC®3407/LTC3407-2
Dual 600mA/800mA, 1.5MHz/2.25MHz Synchronous
Step-Down DC/DC Converters
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA, ISD <1μA,
3mm
× 3mm DFN and 10-Lead MSE Packages
LT3434/LT3435
60V, 2.4A (IOUT), 200kHz/500kHz High Efficiency Step-Down
DC/DC Converters with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.20V, IQ = 100μA, ISD <1μA,
16-Lead TSSOPE Package
LT3437
60V, 400mA (IOUT), Micropower Step-Down DC/DC Converter
with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.25V, IQ = 100μA, ISD <1μA,
DFN Package
LT3493
36V, 1.4A (IOUT), 750kHz High Efficiency Step-Down DC/DC
Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 1.9mA, ISD <1μA,
DFN Package
LT3501
Dual 25V, 2A (IOUT), 1.5MHz High Efficiency Step-Down
DC/DC Converter
VIN: 3.3V to 25V, VOUT(MIN) = 0.8V, IQ = 3.5mA, ISD <1μA,
20-Lead TSSOPE Package
LT3505
36V, 1.2A (IOUT), 3MHz High Efficiency Step-Down DC/DC
Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.78V, IQ = 2mA, ISD <2μA,
3mm
× 3mm DFN and 8-Lead MSE Packages
LT3506/LT3506A
Dual 25V, 1.6A (IOUT), 575kHz/1.1MHz High Efficiency
Step-Down DC/DC Converters
VIN: 3.6V to 25V, VOUT(MIN) = 0.8V, IQ = 3.8mA, ISD <30μA,
4mm
× 5mm DFN Package
LTC3548
Dual 400mA/800mA, 2.25MHz Synchronous Step-Down
DC/DC Converters
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA, ISD <1μA,
3mm
× 3mm DFN and 10-Lead MSE Packages
Burst Mode is a registered trademark of Linear Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com