Electronic Components Datasheet Search
  English  ▼

X  

3570 Datasheet(PDF) 7 Page - Linear Technology

Part # 3570
Description  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3570 Datasheet(HTML) 7 Page - Linear Technology

Back Button 3570 Datasheet HTML 3Page - Linear Technology 3570 Datasheet HTML 4Page - Linear Technology 3570 Datasheet HTML 5Page - Linear Technology 3570 Datasheet HTML 6Page - Linear Technology 3570 Datasheet HTML 7Page - Linear Technology 3570 Datasheet HTML 8Page - Linear Technology 3570 Datasheet HTML 9Page - Linear Technology 3570 Datasheet HTML 10Page - Linear Technology 3570 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3570
7
3570fa
PIN FUNCTIONS (QFN/TSSOP)
VIN2(Pins1,2/Pin14):InputVoltagefortheBuckRegulator.
This pin also supplies the current to the internal circuitry
of the LT3570. This pin must be locally bypassed with a
capacitor.
SW2 (Pin 3/Pin15): Switch Node. This pin connects to
the emitter of an internal NPN power switch. Connect a
diode, inductor and boost capacitor to this pin to form
the buck regulator
SW1 (Pin 4/Pin16): Switch Node. This pin connects to the
collector of an internal NPN power switch. Connect a diode
and inductor to this pin to form the boost regulator
GND (Pins 5, 6, 16, 25/Pins 17, 21): Ground. The Exposed
Pad of the package provides both electrical contact to
ground and good thermal contact to the printed circuit
board. The Exposed Pad must be soldered to the circuit
board for proper operation.
VIN1 (Pin 7/Pin18): Input Voltage for the Boost Regulator.
This pin supplies current to drive the boost NPN transistor
of the LT3570. This pin must be locally bypassed with a
capacitor.
SS1 (Pin 8/Pin 19): Soft-Start Pin. Place a soft-start
capacitor here. Upon start-up, a current charges the
capacitor to 2V. This pin ramps the reference voltage of
the boost switcher.
VC1 (Pin 9/Pin 20): Control Voltage and Compensation Pin
for the Internal Error Amplifier. Connect a series RC from
this pin to ground to compensate the switching regulator
loop for the boost regulator.
FB1 (Pin 10/Pin 1): Feedback Pin. The LT3570 regulates
this pin to 788mV. Connect the feedback resistors to
this pin to set the output voltage for the boost switching
regulator.
SHDN1 (Pin 11/Pin 2): Shutdown Pin. Tie to 1.5V or
more to enable the boost switcher. Ground to shutdown
the part.
SHDN2 (Pin 12/Pin 3): Shutdown Pin. Tie to 1.5V or
more to enable the buck switcher. Ground to shutdown
the part.
SHDN3 (Pin13/Pin 4): Shutdown Pin. Tie to 1.5V or more
to enable the NPN LDO. Ground to shut down the part.
SYNC (Pin 14/Pin 5): Synchronization Pin. The SYNC pin
is used to synchronize the internal oscillator to an exter-
nal signal. The synchronizing range is equal to the initial
operating frequency set by the RT pin up to 1.3 times the
initial operating frequency.
RT (Pin 15/Pin 6): Frequency Set Pin. Place a resistor to
GND to set the internal frequency. The range of oscillation
is 500kHz to 2MHz.
SS2 (Pin 17/Pin 7): Soft-Start Pin. Place a soft-start
capacitor here. Upon start-up, a current charges the
capacitor to 2V. This pin ramps the reference voltage of
the buck switcher.
VC2 (Pin 18/Pin 8): Control Voltage and Compensation Pin
for the Internal Error Amplifier. Connect a series RC from
this pin to ground to compensate the switching regulator
loop for the buck regulator.
FB2 (Pin 19/Pin 9): Feedback Pin. The LT3570 regulates
this pin to 788mV. Connect the feedback resistors to
this pin to set the output voltage for the buck switching
regulator.
FB3 (Pin 20/Pin 10): Feedback Pin. The LT3570 regulates
this pin to 788mV. Connect the feedback resistors to this
pin to set the output voltage for the LDO controller.
NPN_DRIVE (Pin 21/Pin 11): Base Drive for the External
NPN. This pin provides a bias current to drive the base of
the NPN. This base current is driven from the IN3 supply
voltage.
VIN3 (Pin 22/Pin 12): Input Voltage for the NPN LDO. This
pin supplies current to drive the base of the NPN. This pin
must be locally bypassed with a capacitor.
BIAS (Pin 23): QFN Package Only. This pin supplies current
to the internal circuitry of the LT3570 if greater than 2.5V.
This pin must be locally bypassed with a capacitor.
BOOST (Pin 24/Pin 13): Bias for the Base Drive of the
NPN Switch for the Buck Regulator. This pin provides a
bias voltage higher than VIN2. The voltage on this pin is
charged up through an external Schottky diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com