Electronic Components Datasheet Search
  English  ▼

X  

3570 Datasheet(PDF) 17 Page - Linear Technology

Part # 3570
Description  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3570 Datasheet(HTML) 17 Page - Linear Technology

Back Button 3570 Datasheet HTML 12Page - Linear Technology 3570 Datasheet HTML 13Page - Linear Technology 3570 Datasheet HTML 14Page - Linear Technology 3570 Datasheet HTML 15Page - Linear Technology 3570 Datasheet HTML 16Page - Linear Technology 3570 Datasheet HTML 17Page - Linear Technology 3570 Datasheet HTML 18Page - Linear Technology 3570 Datasheet HTML 19Page - Linear Technology 3570 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT3570
17
3570fa
will be enabled again going through a soft-start cycle.
Note: Overtemperature protection is intended to protect the
device during momentary overload conditions. Continuous
operation above the specified maximum operating junction
temperature may result in device degradation or failure.
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board (PCB) layout. Figure 6
shows the high current paths in the step-down regulator
circuit. Note that in the step-down regulator, large switched
currents flow in the power switch, the catch diode and the
input capacitor.
Figure 7 shows the high current paths in the step-up
regulator. In the boost regulator, large switched currents
flow through the power switch, the switching diode, and
the output capacitor.
The loop formed by these large switched current com-
ponents should be as small as possible. Place these
components on the same side of the circuit board and
connect them on that layer. Place a local, unbroken ground
plane below these components and tie this ground plane
APPLICATIONS INFORMATION
Figure 6. Buck High Speed Switching Path
Figure 7. Boost High Speed Switching Path
to system ground at one location. Additionally, keep
the SW and BOOST nodes as small as possible. This is
implemented in the suggested layout of Figure 8 for the
QFN package which shows the topside metal from the
DC1106A demonstration board.
Thermal Considerations
To deliver the power that the LT3570 is capable of, it
is imperative that a good thermal path be provided to
dissipate the heat generated within the package. This can
be accomplished by taking advantage of the large ther-
mal pad on the underside of the IC. It is recommended
that multiple vias in the printed circuit board be used to
conduct heat away from the IC and into a copper plane
with as much area as possible.
Related Linear Technology Publications
Application notes 19, 35, 44, 76 and 88 contain more
detailed descriptions and design information for buck
regulators and other switching regulators. The LT1375 data
sheet has a more extensive discussion of output ripple,
loop compensation, and stability testing.
Figure 8. Suggested Layout
3570 F06
L2
D1 COUT
HIGH
FREQUENCY
CIRCULATING
PATH
CIN
LOAD
LT3570
3750 F07
L2
LT3570
D1
COUT
CIN
HIGH
FREQUENCY
SWITCHING
PATH
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com