Electronic Components Datasheet Search
  English  ▼

X  

3570 Datasheet(PDF) 15 Page - Linear Technology

Part # 3570
Description  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3570 Datasheet(HTML) 15 Page - Linear Technology

Back Button 3570 Datasheet HTML 11Page - Linear Technology 3570 Datasheet HTML 12Page - Linear Technology 3570 Datasheet HTML 13Page - Linear Technology 3570 Datasheet HTML 14Page - Linear Technology 3570 Datasheet HTML 15Page - Linear Technology 3570 Datasheet HTML 16Page - Linear Technology 3570 Datasheet HTML 17Page - Linear Technology 3570 Datasheet HTML 18Page - Linear Technology 3570 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3570
15
3570fa
APPLICATIONS INFORMATION
compensation resistor, RC, is usually in the range of 5k to
50k. A good technique to compensate a new application
is to use a 50k potentiometer in place of RC, and use a
1nF capacitor for CC. By adjusting the potentiometer while
observing the transient response, the optimum value for
RC can be found. Figures 3a to 3c illustrate this process
for the circuit of Figure 1 with load current stepped from
100mA to 500mA for the buck converter. Figure 3a shows
the transient response with RC equal to 1.6k. The phase
margin is poor as evidenced by the excessive ringing in
the output voltage and inductor current. In Figure 3b,
the value of RC is increased to 5.75k, which results in a
more damped response. Figure 3c shows the result when
RC is increased further to 25k. The transient response
is nicely damped and the compensation procedure is
complete. The same procedure is used to compensate
the boost converter.
Soft-Start
The Soft-start time is programmed with an external capaci-
tor to ground on SS. An internal current source charges it
with a nominal 4.5μA. The voltage on the soft-start pin is
used to control the feedback voltage. The soft-start time
is determined by the equation:
tSS = 0.2 • CSS
where CSS is in nF and tSS is in ms. In the event of a
commanded shutdown, ULVO on the input or a thermal
shutdown, the capacitor is discharged automatically. The
soft-start will remain low and only charge back up after
the fault goes away and the voltage on SS is less than
approximately 100mV.
Figure 3a. Transient Response Shows Excessive Ringing
Figure 3b. Transient Response is Better
Figure 3c. Transient Response Well Damped
IOUT
500mA/DIV
VOUT
200μs/DIV
3570 F03a
IOUT
500mA/DIV
VOUT
200μs/DIV
3570 F03b
IOUT
500mA/DIV
VOUT
200μs/DIV
3570 F03c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com