Electronic Components Datasheet Search
  English  ▼

X  

3570 Datasheet(PDF) 5 Page - Linear Technology

Part # 3570
Description  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3570 Datasheet(HTML) 5 Page - Linear Technology

  3570 Datasheet HTML 1Page - Linear Technology 3570 Datasheet HTML 2Page - Linear Technology 3570 Datasheet HTML 3Page - Linear Technology 3570 Datasheet HTML 4Page - Linear Technology 3570 Datasheet HTML 5Page - Linear Technology 3570 Datasheet HTML 6Page - Linear Technology 3570 Datasheet HTML 7Page - Linear Technology 3570 Datasheet HTML 8Page - Linear Technology 3570 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3570
5
3570fa
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1 Quiescent Current
vs Temperature
VIN2 Quiescent Current
vs Temperature
VIN3 Quiescent Current
vs Temperature
Bias Pin Current vs Temperature
SHDN Pin UVLO vs Temperature
SHDN Pin Current vs Voltage
SW1 Current Limit vs Duty Cycle
SW1 Saturation Voltage
vs SW1 Current
TEMPERATURE (°C)
–50
2.0
2.5
3.0
25
50
75
100 125
3570 G04
1.5
1.0
–25
0
150
0.5
0
3.5
TEMPERATURE (°C)
–50
2.0
3.0
150
3570 G05
1.0
0
0
50
100
–25
25
75
125
4.0
1.5
2.5
0.5
3.5
TEMPERATURE (°C)
–50
500
600
700
150
3570 G06
400
300
0
0
50
100
–25
25
75
125
200
100
900
800
TEMPERATURE (°C)
–50
0
0.5
1.0
1.5
2.0
050
100
150
3570 G07
2.5
3.0
–25
25
75
125
TEMPERATURE (°C)
–50
0
0.25
0.50
0.75
1.00
050
100
150
3570 G08
1.25
1.50
–25
25
75
125
VOLTAGE (V)
0
30
40
50
15
25
40
3570 G09
20
10
0
510
20
30
35
DUTY CYCLE (%)
0
1.0
2.0
3.0
0.5
1.5
2.5
20
40
60
80
3570 G10
100
10
030
50
70
90
TJ = 125°C
TJ = 25°C
TJ = –40°C
CURRENT (A)
0
0
50
150
200
250
350
0.1
0.5
0.7
3570 G11
100
300
0.4
0.9 1.0
0.2 0.3
0.6
0.8
TJ = 125°C
TJ = 25°C
TJ = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com