Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3751
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3751 Datasheet HTML 9Page - Linear Technology LT3751 Datasheet HTML 10Page - Linear Technology LT3751 Datasheet HTML 11Page - Linear Technology LT3751 Datasheet HTML 12Page - Linear Technology LT3751 Datasheet HTML 13Page - Linear Technology LT3751 Datasheet HTML 14Page - Linear Technology LT3751 Datasheet HTML 15Page - Linear Technology LT3751 Datasheet HTML 16Page - Linear Technology LT3751 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3751
13
3751f
OPERATION
Figure 5. Modes of Operation (Steady State)
Figure 6. Regulation Technique
3751 F05
26kHz
ONE-SHOT
CLK
26kHz
ONE-SHOT
CLK
26kHz
ONE-SHOT
CLK
26kHz
ONE-SHOT
CLK
SWITCH
ENABLE
IPRI
SWITCH
ENABLE
IPRI
110%
VOUT, NOM
105%
VOUT, NOM
VOUT
1/10TH IPK
IPRI
MAXIMUM
PEAK CURRENT
NO BLANKING
PEAK CURRENT
CONTROL
FORCED
BLANKING
tPER ≈ 38μs
CHARGE MODE
HEAVY LOAD OPERATION
NO LOAD OPERATION
...
...
...
...
...
...
t
t
t
SWITCH
ENABLE
IPRI
tPER ≈ 38μs
DUTY CYCLE
CONTROL
DUTY CYCLE
CONTROL
FORCED
BLANKING
LIGHT LOAD OPERATION
...
...
...
...
...
...
t
3751 F06
LIGHT LOAD
CHARGE
MODE
MODERATE
LOAD
HEAVY LOAD
ILIM(
) DUTY CYCLE(
)
IMAX
1/10
IMAX
95%
10%
LOAD
CURRENT
NO LOAD
OPERATION
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com