Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3751
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751 Datasheet(HTML) 2 Page - Linear Technology

  LT3751 Datasheet HTML 1Page - Linear Technology LT3751 Datasheet HTML 2Page - Linear Technology LT3751 Datasheet HTML 3Page - Linear Technology LT3751 Datasheet HTML 4Page - Linear Technology LT3751 Datasheet HTML 5Page - Linear Technology LT3751 Datasheet HTML 6Page - Linear Technology LT3751 Datasheet HTML 7Page - Linear Technology LT3751 Datasheet HTML 8Page - Linear Technology LT3751 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3751
2
3751f
ABSOLUTE MAXIMUM RATINGS
VCC, CHARGE, CLAMP ..............................................24V
DONE, FAULT ............................................................24V
LVGATE (Note 8) .......................................................24V
VCC – LVGATE..............................................................8V
HVGATE ................................................................Note 9
RBG, CSP, CSN............................................................2V
FB ...............................................................................5V
Current into DONE Pin ...........................................±1mA
Current into FAULT Pin...........................................±1mA
Current into RVTRANS Pin .......................................±1mA
Current into RVOUT Pin.........................................±10mA
Current into RDCM Pin ........................................±10mA
Current into UVLO1 Pin..........................................±1mA
Current into UVLO2 Pin..........................................±1mA
Current into OVLO1 Pin..........................................±1mA
Current into OVLO2 Pin..........................................±1mA
Maximum Junction Temperature........................... 125°C
Operating Temperature Range (Note 2).. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
20 19 18 17
7
8
TOP VIEW
UFD PACKAGE
20-PIN (4mm × 5mm) PLASTIC QFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
OVLO1
UVLO2
OVLO2
FAULT
DONE
CHARGE
RVOUT
NC
RBG
HVGATE
LVGATE
VCC
21
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE TIED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3751EUFD#PBF
LT3751EUFD#TRPBF
3751
20-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3751IUFD#PBF
LT3751IUFD#TRPBF
3751
20-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3751EUFD
LT3751EUFD#TR
3751
20-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3751IUFD
LT3751IUFD#TR
3751
20-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com