Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3751
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3751 Datasheet HTML 15Page - Linear Technology LT3751 Datasheet HTML 16Page - Linear Technology LT3751 Datasheet HTML 17Page - Linear Technology LT3751 Datasheet HTML 18Page - Linear Technology LT3751 Datasheet HTML 19Page - Linear Technology LT3751 Datasheet HTML 20Page - Linear Technology LT3751 Datasheet HTML 21Page - Linear Technology LT3751 Datasheet HTML 22Page - Linear Technology LT3751 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3751
19
3751f
APPLICATIONS INFORMATION
Output Diode Selection
The output diode(s) are selected based on the maximum
repetitive reverse voltage (VRRM) and the average forward
current (IF(AV)). The output diode’s VRRM should exceed
VOUT + N • VTRANS. The output diode’s IF(AV) should exceed
IPK/2N,theaverageshort-circuitcurrent.Theaveragediode
current is also a function of the output voltage.
IAVG =
IPK •VTRANS
2•(VOUT +N• VTRANS)
The highest average diode current occurs at low output
voltages and decreases as the output voltage increases.
Reverse recovery time, reverse bias leakage and junc-
tion capacitance should also be considered. All affect
the overall charging efficiency. Excessive diode reverse
recovery times can cause appreciable discharging of the
output capacitor, thereby increasing charge time. Choose
a diode with a reverse recovery time of less than 100ns.
Diode leakage current under high reverse bias bleeds the
output capacitor of charge and increases charge time.
Choose a diode that has minimal reverse bias leakage
current. Diode junction capacitance is reflected back to
the primary, and energy is lost during the NMOS intrinsic
diode conduction. Choose a diode with minimal junction
capacitance. Table 3 recommends several output diodes
for various output voltages that have adequate reverse
recovery times.
Table 3. Recommended Output Diodes
MANUFACTURER
PART NUMBER
IF(AV) (A)
VRRM (V)
TRR (ns)
PACKAGE
Central Semiconductor
www.centralsemi.com
CMR1U-10M
1
1000
100
SMA
Fairchild Semiconductor
www.fairchildsemi.com
ES3J
ES1G
ES1J
3
1
1
600
400
600
35
35
35
SMC
SMA
SMA
On Semiconductor
www.onsemi.com
MURS360
MURA260
MURA160
3
2
1
600
600
600
75
75
75
SMC
SMA
SMA
Vishay
www.vishay.com
USB260
US1G
US1M
GURB5H60
2
1
1
5
600
400
1000
600
30
50
75
30
SMB
SMA
SMA
TO-263AB
Setting Current Limit
Placing a sense resistor from the positive sense pin, CSP,
to the negative sense pin, CSN, sets the maximum peak
switch current. The maximum current limit is nominally
106mV/RSENSE. The power rating of the current sense
resistor must exceed:
PRSENSE ≥
I2PK •RSENSE
3
VOUT(PK)
VOUT(PK) +N• VTRANS
⎛
⎝
⎜
⎞
⎠
⎟
Additionally, there is approximately a 100ns propagation
delay from the time that peak current limit is detected to
when the gate transitions to the low state. This delay in-
creases the peak current limit by (VTRANS)(100ns)/LPRI.
Sense resistor inductance (LRSENSE) is another source of
current limit error. LRSENSE creates an input offset voltage
(VOS) to the current comparator and causes the current
comparator to trip early. VOS can be calculated as:
VOS = VTRANS •
LRSENSE
LPRIMARY
⎛
⎝⎜
⎞
⎠⎟
The change in current limit becomes VOS/RSENSE.Theerror
is more significant for applications using large di/dt ratios
in the transformer primary. It is recommended to use very
low inductance (< 2nH) sense resistors. Several resistors
can be placed in parallel to help reduce the inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com