Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3751
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751 Datasheet(HTML) 4 Page - Linear Technology

  LT3751 Datasheet HTML 1Page - Linear Technology LT3751 Datasheet HTML 2Page - Linear Technology LT3751 Datasheet HTML 3Page - Linear Technology LT3751 Datasheet HTML 4Page - Linear Technology LT3751 Datasheet HTML 5Page - Linear Technology LT3751 Datasheet HTML 6Page - Linear Technology LT3751 Datasheet HTML 7Page - Linear Technology LT3751 Datasheet HTML 8Page - Linear Technology LT3751 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3751
4
3751f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = CHARGE = 5V, CLAMP = 0V, unless otherwise noted. Individual 25kΩ
resistors tied from 5V VTRANS supply to RVTRANS, RVOUT, RDCM, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO1 Threshold
Measured from Pin to GND
l
1.195
1.225
1.255
V
UVLO2 Threshold
Measured from Pin to GND
l
1.195
1.225
1.255
V
OVLO1 Threshold
Measured from Pin to GND
l
1.195
1.225
1.255
V
OVLO2 Threshold
Measured from Pin to GND
l
1.195
1.225
1.255
V
Gate Minimum High Time
0.7
μs
Gate Peak Pull-Up Current
VCC = 5V, LVGATE Active
VCC = 12V, LVGATE Inactive
2.0
1.5
A
A
Gate Peak Pull-Down Current
VCC = 5V, LVGATE Active
VCC = 12V, LVGATE Inactive
1.2
1.5
A
A
Gate Rise Time
10%
→ 90%, CGATE = 3.3nF (Note 8)
VCC = 5V, LVGATE Active
VCC = 12V, LVGATE Inactive
40
55
ns
ns
Gate Fall Time
90%
→ 10%, CGATE = 3.3nF (Note 8)
VCC = 5V, LVGATE Active
VCC = 12V, LVGATE Inactive
30
30
ns
ns
Gate High Voltage
(Note 8):
VCC = 5V, LVGATE Active
VCC = 12V, LVGATE Inactive
VCC = 12V, LVGATE Inactive, CLAMP Pin = 5V
VCC = 24V, LVGATE Inactive
4.98
10
5
10
5
10.5
5.6
10.5
11.5
6.5
11.5
V
V
V
V
Gate Turn-Off Propagation Delay
CGATE = 3.3nF
25mV Overdrive Applied to CSP Pin
180
ns
Gate Voltage Overshoot
500
mV
CLAMP Pin Threshold
1.6
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3751E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design
characterization and correlation with statistical process controls. The
LT3751I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: A 60V internal clamp is connected to RVTRANS, RDCM, RVOUT,
UVLO1, UVLO2, OVLO1 and OVLO2. Resistors should be used such that
the pin currents do not exceed the Absolute Maximum Ratings.
Note 4: Currents will increase as pin voltages are taken higher than the
internal clamp voltage.
Note 5: Refer to Block Diagram for VTRANS and VDRAIN definitions.
Note 6: Low noise regulation of the output voltage requires a resistive
voltage divider from output voltage to FB pin. FB pin should not be
grounded in this configuration. Refer to the Typical Application diagram for
proper FB pin configuration.
Note 7: The feedback pin has built-in hysteresis that defines the boundary
between charge-only mode and low noise regulation mode.
Note 8: LVGATE should be used in parallel with HVGATE when VCC is less
than or equal to 8V (LVGATE active). When not in use, LVGATE should be
tied to VCC (LVGATE inactive).
Note 9: Do not apply a positive or negative voltage or current source to
HVGATE, otherwise permanent damage may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com