Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3751
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751 Datasheet(HTML) 3 Page - Linear Technology

  LT3751 Datasheet HTML 1Page - Linear Technology LT3751 Datasheet HTML 2Page - Linear Technology LT3751 Datasheet HTML 3Page - Linear Technology LT3751 Datasheet HTML 4Page - Linear Technology LT3751 Datasheet HTML 5Page - Linear Technology LT3751 Datasheet HTML 6Page - Linear Technology LT3751 Datasheet HTML 7Page - Linear Technology LT3751 Datasheet HTML 8Page - Linear Technology LT3751 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3751
3
3751f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = CHARGE = 5V, CLAMP = 0V, unless otherwise noted. Individual 25kΩ
resistors tied from 5V VTRANS supply to RVTRANS, RVOUT, RDCM, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Voltage
l
4.75
24
V
RVTRANS Voltage
(Note 3)
l
4.75
65
V
VCC Quiescent Current
Not Switching, CHARGE = 5V
Not Switching, CHARGE = 0.3V
5.5
0
8
1
mA
μA
RVTRANS, RDCM Quiescent Current
(Note 4)
Not Switching, CHARGE = 5V
Not Switching, CHARGE = 0.3V
l
35
40
0
45
1
μA
μA
RVOUT Quiescent Current
(Note 4)
Not Switching, CHARGE = 5V
Not Switching, CHARGE = 0.3V
l
42
47
0
52
1
μA
μA
UVLO1, UVLO2, OVLO1, OVLO2 Clamp Voltage
Measured at 1mA into Pin, CHARGE = 0V
55
V
RVTRANS, RVOUT, RDCM Clamp Voltage
Measured at 1mA into Pin, CHARGE = 0V
60
V
CHARGE Pin Current
CHARGE = 24V
CHARGE = 5V
CHARGE = 0V
425
60
1
μA
μA
μA
CHARGE Minimum Enable Voltage
l
1.5
V
CHARGE Maximum Disable Voltage
IVCC ≤ 1μA
l
0.3
V
Minimum CHARGE Pin Low Time
20
μs
One-Shot Clock Period
l
32
38
44
μs
VOUT Comparator Trip Voltage
Measured RBG at Pin
l
0.955
0.98
1.005
V
VOUT Comparator Overdrive
2μs Pulse Width,
RVTRANS, RVOUT = 25kΩ
RBG = 0.83kΩ
20
40
mV
DCM Comparator Trip Voltage
Measured as VDRAIN – VTRANS, RDCM = 25kΩ (Note 5)
350
600
900
mV
Current Limit Comparator Trip Voltage
FB Pin = 0V
FB Pin = 1.3V
l
l
100
7
106
11
112
15
mV
mV
FB Pin Bias Current
Current Sourced from FB Pin, Measured at FB Pin Voltage
64
300
nA
FB Pin Voltage
(Note 6)
l
1.19
1.22
1.25
V
FB Pin Charge Mode Threshold
1.12
1.16
1.2
V
FB Pin Charge Mode Hysteresis
55
mV
FB Pin Overvoltage Mode Threshold
1.29
1.34
1.38
V
FB Pin Overvoltage Hysteresis
60
mV
DONE Output Signal High
100kΩ to 5V
5
V
DONE Output Signal Low
100kΩ to 5V
40
200
mV
DONE Leakage Current
DONE = 5V
5
200
nA
FAULT Output Signal High
100kΩ to 5V
5
V
FAULT Output Signal Low
100kΩ to 5V
40
200
mV
FAULT Leakage Current
FAULT = 5V
5
200
nA
UVLO1 Pin Current
UVLO1 Pin Voltage = 1.24V
l
48.5
50
51.5
μA
UVLO2 Pin Current
UVLO2 Pin Voltage = 1.24V
l
48.5
50
51.5
μA
OVLO1 Pin Current
OVLO1 Pin Voltage = 1.24V
l
48.5
50
51.5
μA
OVLO2 Pin Current
OVLO2 Pin Voltage = 1.24V
l
48.5
50
51.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com