Electronic Components Datasheet Search
  English  ▼

X  

LT5525 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5525
Description  High Linearity, Low Power Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5525 Datasheet HTML 3Page - Linear Technology LT5525 Datasheet HTML 4Page - Linear Technology LT5525 Datasheet HTML 5Page - Linear Technology LT5525 Datasheet HTML 6Page - Linear Technology LT5525 Datasheet HTML 7Page - Linear Technology LT5525 Datasheet HTML 8Page - Linear Technology LT5525 Datasheet HTML 9Page - Linear Technology LT5525 Datasheet HTML 10Page - Linear Technology LT5525 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT5525
5525f
TEST CIRCUITS
REF DES
VALUE
SIZE
PART NUMBER
C1
—
0402
Frequency Dependent
C2
0.01µF
0402
AVX 04023C103JAT
C3
1.2pF
0402
AVX 04025A1R2BAT
C4
100pF
0402
AVX 04025A101JAT
C8
1µF
0603
Taiyo Yuden LMK107BJ105MA
L2, L3
150nH
1608
Toko LL1608-FSR15J
T2
4:1
SM-22
M/A-COM ETC4-1-2
Figure 1. Test Schematic
IFOUT
140MHz
5526 F01
16
15
14
13
56
7
8
12
11
10
9
NC
NC
GND
GND
EN
EN
VCC1 VCC2
RF
+
RF–
LO
+
LO–
NC
17
1
2
3
4
NC
NC
IF
+
IF–
RFIN
1900MHz
LOIN
1760MHz
15
4
3
2
C4
L3
L2
C3
C2
C8
VCC
LT5525
RF
GND
GND
DC
ER = 4.4
0.018"
0.018"
0.062"
900MHz INPUT MATCHING:
C1: 3.9pF
C1
OPTIONAL
T2
APPLICATIO S I FOR ATIO
The LT5525 consists of a double-balanced mixer, RF
balun, RF buffer amplifier, high speed limiting LO buffer
and bias/enable circuits. The IC has been optimized for
downconverter applications with RF input signals from
0.8GHz to 2.5GHz and LO signals from 500MHz to 3GHz.
With proper matching, the IF output can be operated at
frequencies from 0.1MHz to 1GHz. Operation over a
wider frequency range is possible, though with reduced
performance.
The RF, LO and IF ports are all differential, though the RF
and LO ports are internally matched to 50Ω for single-
ended drive. The LT5525 is characterized and production
tested using single-ended RF and LO inputs. Low side or
high side LO injection can be used.
RF Input Port
The mixer’s RF input, shown in Figure 2, consists of an
integrated balun and a high linearity differential amplifier.
The primary terminals of the balun are connected to the
RF+ and RF– pins (Pins 2 and 3, respectively). The second-
ary side of the balun is internally connected to the amplifier’s
differential inputs.
For single-ended operation, the RF+ pin is grounded and
the RF– pin becomes the RF input. It is also possible to
ground the RF– pin and drive the RF+ pin, if desired. If the
RF source has a DC voltage present, then a coupling
capacitor must be used in series with the RF input pin.
Otherwise, excessive DC current could damage the pri-
mary winding of the balun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com