Electronic Components Datasheet Search
  English  ▼

X  

LT5525 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5525
Description  High Linearity, Low Power Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5525 Datasheet HTML 2Page - Linear Technology LT5525 Datasheet HTML 3Page - Linear Technology LT5525 Datasheet HTML 4Page - Linear Technology LT5525 Datasheet HTML 5Page - Linear Technology LT5525 Datasheet HTML 6Page - Linear Technology LT5525 Datasheet HTML 7Page - Linear Technology LT5525 Datasheet HTML 8Page - Linear Technology LT5525 Datasheet HTML 9Page - Linear Technology LT5525 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT5525
5525f
PI FU CTIO S
NC (Pins 1, 4, 8, 13, 16): Not Connected Internally. These
pins should be grounded on the circuit board for improved
LO-to-RF and LO-to-IF isolation.
RF+, RF– (Pins 2, 3): Differential Inputs for the RF Signal.
One RF input pin may be DC connected to a low impedance
ground to realize a 50Ω single-ended input at the other RF
pin. No external matching components are required. A DC
voltage should not be applied across these pins, as they
are internally connected through a transformer winding.
EN (Pin 5): Enable Pin. When the input voltage is higher
than 3V, the mixer circuits supplied through Pins 6, 7, 10
and 11 are enabled. When the input voltage is less than
0.3V, all circuits are disabled. Typical enable pin input
current is 55µA for EN = 5V and 0.1µA when EN = 0V.
VCC1 (Pin 6): Power Supply Pin for the LO Buffer Circuits.
Typical current consumption is 11mA. This pin should be
externally connected to the other VCC pins and decoupled
with 1µF and 0.01µF capacitors.
VCC2 (Pin 7): Power Supply Pin for the Bias Circuits.
Typical current consumption is 2.5mA. This pin should be
externally connected to the other VCC pins and decoupled
with 1µF and 0.01µF capacitors.
GND (Pins 9, 12): Ground. These pins are internally
connected to the Exposed Pad for better isolation. They
should be connected to ground on the circuit board,
though they are not intended to replace the primary
grounding through the Exposed Pad of the package.
IF– and IF+ (Pins 10, 11): Differential Outputs for the IF
Signal. An impedance transformation may be required to
match the outputs. These pins must be connected to VCC
through impedance matching inductors, RF chokes or a
transformer center-tap.
LO–, LO+ (Pins 14, 15): Differential Inputs for the Local
Oscillator Signal. The LO input is internally matched to
50Ω. The LO can be driven with a single-ended source
through either LO input pin, with the other LO input pin
connected to ground. There is an internal DC resistance
across these pins of approximately 480Ω. Thus, a DC
blocking capacitor should be used if the signal source has
a DC voltage present.
Exposed Pad (Pin 17): Circuit Ground Return for the
Entire IC. This must be soldered to the printed circuit board
ground plane.
BLOCK DIAGRA
15
14
6
11
2
3
7
5
10
HIGH
SPEED
LO BUFFER
DOUBLE-
BALANCED
MIXER
LINEAR
AMPLIFIER
LO–
EXPOSED
PAD
LO+
VCC2
VCC1
EN
IF+
12
17
GND
IF–
9
GND
5525 BD
BIAS
RF+
RF –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com