Electronic Components Datasheet Search
  English  ▼

X  

LT5525 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5525
Description  High Linearity, Low Power Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525 Datasheet(HTML) 5 Page - Linear Technology

  LT5525 Datasheet HTML 1Page - Linear Technology LT5525 Datasheet HTML 2Page - Linear Technology LT5525 Datasheet HTML 3Page - Linear Technology LT5525 Datasheet HTML 4Page - Linear Technology LT5525 Datasheet HTML 5Page - Linear Technology LT5525 Datasheet HTML 6Page - Linear Technology LT5525 Datasheet HTML 7Page - Linear Technology LT5525 Datasheet HTML 8Page - Linear Technology LT5525 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT5525
5525f
TYPICAL AC PERFOR A CE CHARACTERISTICS VCC = 5V, EN = 3V, TA = 25°C, fRF = 1900MHz,
PRF = –15dBm (–15dBm/tone for 2-tone IIP3 tests, ∆f = 1MHz), fLO = fRF – 140MHz, PLO = –5dBm, IF output measured at 140MHz,
unless otherwise noted. Test circuit shown in Figure 1.
IFOUT, 2 × 2 and 3 × 3 Spurs
vs RF Input Power
2 × 2 and 3 × 3 Spurs
vs LO Input Power
TYPICAL DC PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Shutdown Current vs Supply Voltage
Test circuit shown in Figure 1.
RF INPUT POWER (dBm)
–20
–100
–80
–60
–40
–20
–15
–5
–10
5525 G10
0
0
–90
–70
–50
–30
–10
10
IF OUT
fRF = 1900MHz
3RF-3LO
fRF = 1806.67MHz
TA = 25°C
fLO = 1760MHz
fIF = 140MHz
2RF-2LO
fRF = 1830MHz
LO INPUT POWER (dBm)
–16
–50
–40
–30
0
5525 G11
–60
–70
–12
–8
–4
4
–80
–90
–100
3RF-3LO
fRF = 1806.67MHz
TA = 25°C
fLO = 1760MHz
fIF = 140MHz
2RF-2LO
fRF = 1830MHz
SUPPLY VOLTAGE (V)
2.8
14
16
20
22
24
4.4
32
5525 G12
18
3.6
3.2
4.8
5.2
4
5.6
26
28
30
25°C
85°C
–40°C
SUPPLY VOLTAGE (V)
2.8
0
5
10
15
20
3.2
3.6
4
4.4
5525 G13
4.8
5.2
5.6
25°C
85°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com