Electronic Components Datasheet Search
  English  ▼

X  

LT5525 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5525
Description  High Linearity, Low Power Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5525 Datasheet HTML 4Page - Linear Technology LT5525 Datasheet HTML 5Page - Linear Technology LT5525 Datasheet HTML 6Page - Linear Technology LT5525 Datasheet HTML 7Page - Linear Technology LT5525 Datasheet HTML 8Page - Linear Technology LT5525 Datasheet HTML 9Page - Linear Technology LT5525 Datasheet HTML 10Page - Linear Technology LT5525 Datasheet HTML 11Page - Linear Technology LT5525 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT5525
5525f
APPLICATIO S I FOR ATIO
As shown in Figure 3, the RF input return loss with no
external matching is greater than 12dB from 1.3GHz to
2.3GHz. The RF input match can be shifted down to
800MHz by adding a series 3.9pF capacitor at the RF input.
A series 1.2nH inductor can be added to shift the match up
to 2.5GHz. Measured return losses with these external
components are also shown in Figure 3.
2
OPTIONAL SERIES
REACTANCE FOR
LOW BAND OR
HIGH BAND
MATCHING
RF+
RFIN
LT5525
5525 F02
3
RF–
Figure 2. RF Input Schematic
RF FREQUENCY (MHz)
500
–30
–25
–20
–15
–10
–5
0
1000
1500
2000
2500
5525 F03
3000
NO RF
MATCHING
SERIES 1.2nH
SERIES 3.9pF
Figure 3. RF Input Return Loss Without and
with External Matching Components
Figure 4 illustrates the typical conversion gain, IIP3 and NF
performance of the LT5525 when the RF input match is
shifted lower in frequency using an external series 3.9pF
capacitor on the RF input.
RF input impedance and reflection coefficient (S11) ver-
sus frequency are shown in Table 1. The listed data is
referenced to the RF– pin with the RF+ pin grounded (no
external matching). This information can be used to simu-
late board-level interfacing to an input filter, or to design
a broadband input matching network.
Table 1. RF Port Input Impedance vs Frequency
FREQUENCY
INPUT
REFLECTION COEFFICIENT
(MHz)
IMPEDANCE
MAG
ANGLE
50
10.4 + j2.63
0.675
174
500
18.1 + j23.7
0.551
124
700
25.8 + j30.7
0.478
106
900
36.5 + j34.5
0.398
90
1100
48.4 + j33.3
0.321
74
1300
59.5 + j25.7
0.244
57
1500
65.9 + j13.1
0.177
33
1700
65.0 – j1.0
0.131
–3
1900
59.0 – j12.2
0.138
–47
2100
50.2 – j19.0
0.187
–79
2300
41.8 – j22.1
0.250
–97
2500
34.9 – j22.7
0.311
–109
2700
29.1 – j21.9
0.369
–118
3000
23.2 – j19.1
0.435
–130
RF FREQUENCY (MHz)
800
–5
0
5
10
15
900
1000
1100
1200
5525 F04
IIP3
25
20
850
950
1050
1150
LOW SIDE LO
HIGH SIDE LO
SSB NF
GAIN
TA = 25°C
fIF = 140MHz
Figure 4. Typical Gain, IIP3 and NF with
Series 3.9pF Matching Capacitor
A broadband RF input match can be easily realized by
using both the series capacitor and series inductor as
shown in Figure 5. This network provides good return loss
at both lower and higher frequencies simultaneously,
while maintaining good mid-band return loss. The broad-
band return loss is plotted in Figure 6. The return loss is
better than 12dB from 700MHz to 2.6GHz using the
element values of Figure 5.
LO Input Port
The LO buffer amplifier consists of high speed limiting
differential amplifiers designed to drive the mixer core for
high linearity. The LO+ and LO– pins are designed for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com