Electronic Components Datasheet Search
  English  ▼

X  

LT5525 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5525
Description  High Linearity, Low Power Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5525 Datasheet HTML 4Page - Linear Technology LT5525 Datasheet HTML 5Page - Linear Technology LT5525 Datasheet HTML 6Page - Linear Technology LT5525 Datasheet HTML 7Page - Linear Technology LT5525 Datasheet HTML 8Page - Linear Technology LT5525 Datasheet HTML 9Page - Linear Technology LT5525 Datasheet HTML 10Page - Linear Technology LT5525 Datasheet HTML 11Page - Linear Technology LT5525 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT5525
5525f
APPLICATIO S I FOR ATIO
single-ended drive, though differential drive can be used if
desired. The LO input is internally matched to 50Ω. A
simplified schematic for the LO input is shown in Figure 7.
Measured return loss is shown in Figure 8.
If the LO source has a DC voltage present, then a coupling
capacitor should be used in series with the LO input pin
due to the internal resistive match.
The LO port input impedance and reflection coefficient
(S11) versus frequency are shown in Table 2. The listed
data is referenced to the LO+ pin with the LO– pin grounded.
Table 2. Single-Ended LO Input Impedance
FREQUENCY
INPUT
REFLECTION COEFFICIENT
(MHz)
IMPEDANCE
MAG
ANGLE
100
93.1 – j121
0.686
–30
250
55.8 – j54
0.457
–57
500
47.7 – j28
0.276
–79
1000
42.3 – j14
0.171
–110
1500
38.5 – j9.3
0.166
–135
2000
35.8 – j7.8
0.187
–146
2500
34.8 – j7.8
0.281
–148
3000
34.2 – j8.7
0.214
–149
IF Output Port
A simplified schematic of the IF output circuit is shown in
Figure 9. The output pins, IF+ and IF–, are internally con-
nected to the collectors of the mixer switching transistors.
Both pins must be biased at the supply voltage, which can
be applied through the center-tap of a transformer or
Figure 7. LO Input Schematic
Figure 9. IF Output with External Matching
Figure 8. LO Input Return Loss
Figure 5. Wideband RF Input Matching
Figure 6. RF Input Return Loss Using
Wideband Matching Network
2
RF+
RFIN
L3
1.5nH
C5
4.7pF
LT5525
5525 F05
3
RF–
RF FREQUENCY (MHz)
500
–30
–25
–20
–15
–10
–5
0
1000
1500
2000
2500
5525 F06
3000
SERIES 1.5nH
AND 4.7pF
NO EXTERNAL
RF MATCHING
14
LO–
480Ω
20pF
20pF
LOIN
50Ω
LT5525
5525 F07
15
LO+
VCC
54Ω
FREQUENCY (MHz)
0
–20
–15
–10
–5
0
500
1000
1500
2000
5525 F08
2500
3000
10
11
575Ω
C3
5525 F09
VCC
L3
IFOUT
T2
4:1
L2
VCC
0.7pF
LT5525
IF–
IF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com