Electronic Components Datasheet Search
  English  ▼

X  

LT5528 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5528
Description  1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5528 Datasheet HTML 3Page - Linear Technology LT5528 Datasheet HTML 4Page - Linear Technology LT5528 Datasheet HTML 5Page - Linear Technology LT5528 Datasheet HTML 6Page - Linear Technology LT5528 Datasheet HTML 7Page - Linear Technology LT5528 Datasheet HTML 8Page - Linear Technology LT5528 Datasheet HTML 9Page - Linear Technology LT5528 Datasheet HTML 10Page - Linear Technology LT5528 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT5528
7
5528f
LO and RF Port Return Loss vs
RF Frequency
0
123
5
4
I AND Q BASEBAND VOLTAGE (VP-P, DIFF)
–25
–30
–40
–45
–35
–50
5528 G18
fBBI = 2MHz, 0°
fBBQ = 2MHz, 90°
IR
LOFT
4.5V
5V
5.5V
RF FREQUENCY (GHz)
1.3
5528 G19
1.9
1.7
1.5
2.1
2.3
2.7
2.5
0
–10
–20
–30
–40
–50
RF PORT,
EN = HIGH,
PLO = OFF
RF PORT,
EN = LOW
LO PORT,
EN = HIGH
LO PORT, EN = LOW
RF PORT,
EN = HIGH,
PLO = 0dBm
EN (Pin 1): Enable Input. When the EN pin voltage is higher
than 1V, the IC is turned on. When the input voltage is less
than 0.5V, the IC is turned off.
GND (Pins 2, 4, 6, 9, 10, 12, 15): Ground. Pins 6, 9, 15
and 17 (exposed pad) are connected to each other inter-
nally. Pins 2 and 4 are connected to each other internally
and function as the ground return for the LO signal. Pins
10 and 12 are connected to each other internally and
function as the ground return for the on-chip RF balun.
For best RF performance, pins 2, 4, 6, 9, 10, 12, 15 and
the Exposed Pad 17 should be connected to the printed
circuit board ground plane.
LO (Pin 3): LO Input. The LO input is an AC-coupled single-
ended input with approximately 50Ω input impedance at
RF frequencies. Externally applied DC voltage should be
within the range – 0.5V to VCC + 0.5V in order to avoid
turning on ESD protection diodes.
BBPQ, BBMQ (Pins 7, 5): Baseband Inputs for the Q-chan-
nel, each 45Ω input impedance. Internally biased at about
0.525V. Applied voltage must stay below 2.5V.
VCC (Pins 8, 13): Power Supply. Pins 8 and 13 are con-
nected to each other internally. It is recommended to use
0.1µF capacitors for decoupling to ground on each of
these pins.
RF (Pin 11): RF Output. The RF output is an AC-coupled
single-ended output with approximately 50Ω output im-
pedance at RF frequencies. Externally applied DC voltage
should be within the range – 0.5V to VCC + 0.5V in order
to avoid turning on ESD protection diodes.
BBPI, BBMI (Pins 14, 16): Baseband Inputs for the
I-channel, each with 45Ω input impedance. These pins are
internally biased at about 0.525V. Applied voltage must
stay below 2.5V.
Exposed Pad (Pin 17): Ground. This pin must be soldered
to the printed circuit board ground plane.
LO Feed-Through and Image
Rejection at 2140MHz vs Baseband
Voltage and Supply Voltage
VCC = 5V, EN = High, TA = 25°C, fLO = 2.14GHz, PLO
= 0dBm. BBPI, BBMI, BBPQ, BBMQ inputs 0.525VDC, Baseband Input Frequency fBB = 2MHz, I&Q 90° shifted. fRF = fBB + fLO (upper
sideband selection). PRF, OUT = –10dBm (–10dBm/tone for 2-tone measurements), unless otherwise noted. (Note 3)
RF Output Power vs
RF Frequency at 1VP-P
Differential Baseband Drive
RF FREQUENCY (GHz)
1.3
0
–2
–4
–6
–8
–10
–14
–12
5528 G20
1.9
1.7
1.5
2.1
2.3
2.7
2.5
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
VBBI = 1VP-P, DIFF
VBBQ = 1VP-P, DIFF
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com