Electronic Components Datasheet Search
  English  ▼

X  

LT5528 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5528
Description  1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5528 Datasheet HTML 2Page - Linear Technology LT5528 Datasheet HTML 3Page - Linear Technology LT5528 Datasheet HTML 4Page - Linear Technology LT5528 Datasheet HTML 5Page - Linear Technology LT5528 Datasheet HTML 6Page - Linear Technology LT5528 Datasheet HTML 7Page - Linear Technology LT5528 Datasheet HTML 8Page - Linear Technology LT5528 Datasheet HTML 9Page - Linear Technology LT5528 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT5528
6
5528f
Gain vs LO Power
RF Output Power, HD2 and HD3
at 2140MHz vs Baseband Voltage
and Temperature
LO Feed-Through and Image
Rejection at 2140MHz vs Baseband
Voltage and Temperature
Output IP3 vs LO Power
LO POWER (dBm)
–20
5528 G13
–8
–12
–16
–4
0
8
4
–4
–6
–8
–10
–12
–14
–16
–18
–20
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
–20
–8
–12
–16
–4
0
8
4
LO POWER (dBm)
22
20
18
16
12
14
10
8
6
4
2
0
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
5528 G14
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
RF Output Power, HD2 and HD3
at 2140MHz vs Baseband Voltage
and Supply Voltage
0
123
5
4
I AND Q BASEBAND VOLTAGE (VP-P, DIFF)
–10
–20
–30
–40
–60
–50
–70
10
0
–10
–20
–30
–40
–50
–40°C
25°C
85°C
5528 G15
fBBI = 2MHz, 0°
fBBQ = 2MHz, 90°
HD2 = MAX POWER AT fLO + 2 • fBB OR fLO – 2 • fBB
HD3 = MAX POWER AT fLO + 3 • fBB OR fLO – 3 • fBB
HD2
RF
HD3
0
123
5
4
I AND Q BASEBAND VOLTAGE (VP-P, DIFF)
–25
–30
–40
–45
–35
–50
–40°C
25°C
85°C
5528 G17
fBBI = 2MHz, 0°
fBBQ = 2MHz, 90°
IR
LOFT
0
123
5
4
I AND Q BASEBAND VOLTAGE (VP-P, DIFF)
–10
–20
–30
–40
–60
–50
–70
10
0
–10
–20
–30
–40
–50
5528 G16
fBBI = 2MHz, 0°
fBBQ = 2MHz, 90°
HD2 = MAX POWER AT fLO + 2 • fBB OR fLO – 2 • fBB
HD3 = MAX POWER AT fLO + 3 • fBB OR fLO – 3 • fBB
HD2
RF
HD3
4.5V
5V
5.5V
VCC = 5V, EN = High, TA = 25°C, fLO = 2.14GHz, PLO
= 0dBm. BBPI, BBMI, BBPQ, BBMQ inputs 0.525VDC, Baseband Input Frequency fBB = 2MHz, I&Q 90° shifted. fRF = fBB + fLO (upper
sideband selection). PRF, OUT = –10dBm (–10dBm/tone for 2-tone measurements), unless otherwise noted. (Note 3)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com