Electronic Components Datasheet Search
  English  ▼

X  

LT5528 Datasheet(PDF) 11 Page - Linear Technology

Part # LT5528
Description  1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT5528 Datasheet HTML 7Page - Linear Technology LT5528 Datasheet HTML 8Page - Linear Technology LT5528 Datasheet HTML 9Page - Linear Technology LT5528 Datasheet HTML 10Page - Linear Technology LT5528 Datasheet HTML 11Page - Linear Technology LT5528 Datasheet HTML 12Page - Linear Technology LT5528 Datasheet HTML 13Page - Linear Technology LT5528 Datasheet HTML 14Page - Linear Technology LT5528 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT5528
11
5528f
The RF output S22 with no LO power applied is given in
Table 4.
Table 4. RF Port Output Impedance vs Frequency for EN = High
and No LO Power Applied
Frequency
Output Impedance
S22
MHz
Ω
Mag
Angle
1000
23.7 + j8.1
0.371
157
1400
37.7 + j18.5
0.248
112
1600
47.0 + j14.3
0.149
93.6
1800
46.0 + j5.5
0.071
123
2000
39.2 + j3.7
0.127
159
2200
34.2 + j6.2
0.201
154
2400
31.0 + j9.4
0.260
147
2600
29.6 + j11.6
0.292
142
For EN = Low the S22 is given in Table 5.
Table 5. RF Port Output Impedance vs Frequency for EN = Low
Frequency
Output Impedance
S22
MHz
Ω
Mag
Angle
1000
22.8 + j7.7
0.386
158
1400
32.4 + j20.8
0.321
116
1600
42.4 + j25.1
0.274
91.7
1800
54.6 + j20.1
0.193
66.2
2000
55.3 + j6.0
0.076
45.3
2200
44.7 + j0.0
0.056
180
2400
36.0 + j1.9
0.164
171
2600
31.3 + j4.8
0.237
162
To improve S22 for lower frequencies, a shunt capacitor
can be added to the output. At higher frequencies, a shunt
inductor can improve the S22.Figure5showstheequivalent
circuit schematic of the RF output.
Note that an ESD diode is connected internally from
the RF output to ground. For strong output RF signal
levels (higher than 3dBm), this ESD diode can degrade
the linearity performance if the 50Ω termination imped-
ance is connected directly to ground. To prevent this, a
coupling capacitor can be inserted in the RF output line.
This is strongly recommended during a 1dB compression
measurement.
Enable Interface
Figure 6 shows a simplified schematic of the EN pin in-
terface. The voltage necessary to turn on the LT5528 is
1V. To disable (shut down) the chip, the Enable voltage
must be below 0.5V. If the EN pin is not connected, the
chip is disabled. This EN = Low condition is guaranteed
by the 75k on-chip pull-down resistor. It is important that
the voltage at the EN pin does not exceed VCC by more
than 0.5V. If this should occur, the supply current could
be sourced through the EN pin ESD protection diodes,
which are not designed to carry the full supply current,
and damage may result.
Figure 7. Evaluation Circuit Schematic
Figure 5. Equivalent Circuit Schematic of the RF Output
Figure 6. EN Pin Interface
RF
OUTPUT
20pF
21pF
3nH
52.5
Ω
5528 F05
VCC
Evaluation Board
Figure 7 shows the evaluation board schematic. A good
ground connection is required for the exposed pad. If this
is not done properly, the RF performance will degrade.
EN
75k
5528 F06
VCC
25k
BBIP
BBIM
J1
16
15
14
13
VCC
VCC EN
9
10
11
12
4
3
2
1
5678
5528 F07
17
BBQM
BBQP
BOARD NUMBER: DC729A
C1
100nF
J6
RF
OUT
J3
LO
IN
J4
GND
J5
C2
100nF
J2
BBMI
LT5528
BBPI VCC
BBMQ GND
GND
BBPQ VCC
GND
GND
RF
GND
GND
LO
GND
EN
GND
100
Ω
R1
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com