Electronic Components Datasheet Search
  English  ▼

X  

LT5528 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5528
Description  1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5528 Datasheet HTML 5Page - Linear Technology LT5528 Datasheet HTML 6Page - Linear Technology LT5528 Datasheet HTML 7Page - Linear Technology LT5528 Datasheet HTML 8Page - Linear Technology LT5528 Datasheet HTML 9Page - Linear Technology LT5528 Datasheet HTML 10Page - Linear Technology LT5528 Datasheet HTML 11Page - Linear Technology LT5528 Datasheet HTML 12Page - Linear Technology LT5528 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5528
9
5528f
RF = –2.5dBm, MAX
VCC = 5V
C
GND
LOMI
LOPI
R4
5528 F03
LT5528
GND
CM
VREF = 0.52V
R3
R1
45
Ω
T1
1:1
C2
BBPI
OPTIONAL
BBMI
L1A
L1B
C1
C3
R2
45
Ω
0.5V
R5, 50
Ω
0.5V
R6, 50
Ω
DAC
0mA TO 20mA
0mA TO 20mA
L2A
L2B
BALUN
Figure 3. LT5528 5th Order Filtered Baseband Interface with Common DAC (Only I-Channel is Shown)
Figure 2. DC Voltage Levels for a Generator Programmed at
0.26VDC for a 50Ω Load and the LT5528 as a Load
It is recommended that the part be driven differentially;
otherwise, the even-order distortion products will de-
grade the overall linearity severely. Typically, a DAC will
be the signal source for the LT5528. To prevent aliasing,
a filter should be placed between the DAC output and the
LT5528’s baseband inputs. In Figure 3, an example interface
schematic shows a commonly used DAC output interface
followed by a passive 5th order ladder filter. The DAC in
this example sources a current from 0mA to 20mA. The
interface may be DC coupled. This allows adjustment of
the DAC’s differential output current to minimize the LO
feed-through. Optionally, transformer T1 can be inserted
to improve the current balance in the BBPI and BBMI pins.
This will improve the second-order distortion performance
(OIP2).
The maximum single sideband CW RF output power at
2GHz using 20mA drive to both I and Q channels with the
configuration shown in Figure 3 is about –2.5dBm. The
maximum CW output power can be increased by con-
necting resistors R5 and R6 to –5V instead of GND, and
changing their values to 550Ω. In that case, the maximum
single sideband CW RF output power at 2GHz will be about
2.3dBm. In addition, the ladder filter component values
require adjustment for a higher source impedance.
and 12pF to ground is incorporated (see Figure 1), which
limits the baseband bandwidth to approximately 330MHz
(–1dB point). The common-mode voltage is about 0.52V
and is approximately constant over temperature.
It is important that the applied common-mode voltage level
of the I and Q inputs is about 0.52V in order to properly
bias the LT5528. Some I/Q test generators allow setting
the common-mode voltage independently. In this case, the
common-mode voltage of those generators must be set
to 0.26V to match the LT5528 internal bias, because for
DC signals, there is no –6dB source-load voltage division
(see Figure 2).
5528 F02
45
Ω
50
Ω
LT5528
GENERATOR
0.52VDC
0.52VDC
0.52VDC
+
–
+
–
50
Ω
50
Ω
GENERATOR
0.52VDC
0.26VDC
+
–
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com