Electronic Components Datasheet Search
  English  ▼

X  

LT5528 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5528
Description  1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 4 Page - Linear Technology

  LT5528 Datasheet HTML 1Page - Linear Technology LT5528 Datasheet HTML 2Page - Linear Technology LT5528 Datasheet HTML 3Page - Linear Technology LT5528 Datasheet HTML 4Page - Linear Technology LT5528 Datasheet HTML 5Page - Linear Technology LT5528 Datasheet HTML 6Page - Linear Technology LT5528 Datasheet HTML 7Page - Linear Technology LT5528 Datasheet HTML 8Page - Linear Technology LT5528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT5528
4
5528f
LO FREQUENCY (GHz)
1.3
26
24
22
18
20
16
14
12
10
8
6
–142
–144
–146
–150
–148
–152
–154
–156
–158
–160
–162
5528 G05
1.9
1.7
1.5
2.1
2.3
2.7
2.5
4.5V
5V
5.5V
NOISE FLOOR
NO BASEBAND SIGNAL
20MHz OFFSET NOISE
OIP3
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
LO FREQUENCY (GHz)
1.3
26
24
22
18
20
16
14
12
10
8
6
–142
–144
–146
–150
–148
–152
–154
–156
–158
–160
–162
5528 G04
1.9
1.7
1.5
2.1
2.3
2.7
2.5
NOISE FLOOR
NO BASEBAND SIGNAL
20MHz OFFSET NOISE
OIP3
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
–40°C
25°C
85°C
LO FREQUENCY (GHz)
1.3
10
5
0
–5
–10
–15
–20
5528 G02
1.9
1.7
1.5
2.1
2.3
2.7
2.5
–40°C
25°C
85°C
GAIN
OP1dB
LO FREQUENCY (GHz)
1.3
10
5
0
–5
–10
–15
–20
5528 G03
1.9
1.7
1.5
2.1
2.3
2.7
2.5
GAIN
OP1dB
4.5V
5V
5.5V
LO FREQUENCY (GHz)
1.3
65
60
55
50
45
40
35
5528 G06
1.9
1.7
1.5
2.1
2.3
2.7
2.5
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
fIM2 = fBB,1 + fBB,2 + fLO
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
SUPPLY VOLTAGE (V)
4.5
140
130
120
110
100
5528 G01
5.0
5.5
85°C
25°C
–40°C
Supply Current vs Supply Voltage
Gain and Output 1dB Compression
vs LO Frequency and Temperature
Gain and Output 1dB
Compression vs LO Frequency
and Supply Voltage
Output IP3 and Noise Floor vs
LO Frequency and Temperature
Output IP3 and Noise Floor vs
LO Frequency and Supply Voltage
Output IP2 vs LO Frequency
VCC = 5V, EN = High, TA = 25°C, fLO = 2.14GHz, PLO
= 0dBm. BBPI, BBMI, BBPQ, BBMQ inputs 0.525VDC, Baseband Input Frequency fBB = 2MHz, I&Q 90° shifted. fRF = fBB + fLO (upper
sideband selection). PRF, OUT = –10dBm (–10dBm/tone for 2-tone measurements), unless otherwise noted. (Note 3)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com