Electronic Components Datasheet Search
  English  ▼

X  

LT5537 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5537
Description  Wide Dynamic Range RF/IF Log Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5537 Datasheet HTML 3Page - Linear Technology LT5537 Datasheet HTML 4Page - Linear Technology LT5537 Datasheet HTML 5Page - Linear Technology LT5537 Datasheet HTML 6Page - Linear Technology LT5537 Datasheet HTML 7Page - Linear Technology LT5537 Datasheet HTML 8Page - Linear Technology LT5537 Datasheet HTML 9Page - Linear Technology LT5537 Datasheet HTML 10Page - Linear Technology LT5537 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT5537
5537fa
BLOCK DIAGRA
PI FU CTIO S
ENBL (Pin 1): Enable Pin. When the input voltage is higher
than 1V, the circuit is ON. When the input voltage is less than
0.3V, or this pin is not connected, the chip is disabled (OFF).
IN+, IN– (Pins 2, 3): Differential Signal Input Pins. These
pins are internally biased to VCC – 0.4V. The impedance
between IN+ and IN– is approximately 1.73k
Ω//1.45pF at
200MHz. The input pins should be AC coupled.
CAP+, CAP– (Pins 4, 5): External Filter Capacitor Pins. The
minimum RF input frequency can be lowered by adding an
optional external capacitor between CAP+ and CAP–.
VCC(Pin6):PowerSupplyPin.Thispinshouldbedecoupled
using 1000pF and 0.1
µF capacitors.
VEE (Pin 7): Ground pin.
OUT (Pin 8): Output pin.
Exposed Pad (Pin 9): Should be connected to PCB ground.
1
OFFSET
CANCELLATION
DETECTOR CELLS
BANDGAP REFERENCE
AND BIASING
OUTPUT
BUFFER
ENBL
3
IN–
2
IN+
5
CAP–
OUT
5537 BD
VEE
4
CAP+
7k
7k
7
EXPOSED PAD
8
7
VCC
6
7.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com