Electronic Components Datasheet Search
  English  ▼

X  

LT5537 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5537
Description  Wide Dynamic Range RF/IF Log Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537 Datasheet(HTML) 1 Page - Linear Technology

  LT5537 Datasheet HTML 1Page - Linear Technology LT5537 Datasheet HTML 2Page - Linear Technology LT5537 Datasheet HTML 3Page - Linear Technology LT5537 Datasheet HTML 4Page - Linear Technology LT5537 Datasheet HTML 5Page - Linear Technology LT5537 Datasheet HTML 6Page - Linear Technology LT5537 Datasheet HTML 7Page - Linear Technology LT5537 Datasheet HTML 8Page - Linear Technology LT5537 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT5537
5537fa
■ Linear-to-Log Signal Level Conversion
■ Received Signal Strength Indication (RSSI)
■ RF Power Control
■ RF/IF Power Detection
■ Receiver RF/IF Gain Control
■ Envelope Detection
■ ASK Receiver
Wide Dynamic Range
RF/IF Log Detector
■ Low Frequency to 1000MHz Operation
■ 83dB Dynamic Range with
±1dB Nonlinearity
at 200MHz
■ Sensitivity –76dBm or Better at 200MHz
■ Log-Linear Transfer Slope of 20mV/dB
■ Supply Voltage Range: 2.7V to 5.25V
■ Supply Current: 13.5mA at 3V
■ Tiny 8-Lead (3mm
× 2mm) DFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
The LT
®5537 is a wide dynamic range RF/IF detector,
operational from below 10MHz to 1000MHz. The lower
limit of the operating frequency range can be extended to
near DC by the use of an external capacitor. The input
dynamic range at 200MHz with
±3dB nonlinearity is 90dB
(from –76dBm to 14dBm, single-ended 50
Ω input). The
detector output voltage slope is nominally 20mV/dB, and
the typical temperature coefficient is 0.01dB/
°Cat200MHz.
1
OFFSET
CANCELLATION
DETECTOR CELLS
EXPOSED PAD
BANDGAP REFERENCE
AND BIASING
OUTPUT
BUFFER
ENBL
3
IN–
2
IN+
5
CAP–
OUT
5537 TA01a
VEE
OPTIONAL
4
CAP+
7k
7k
15nF
RF IN
15nF
8
7
9
VCC
1
µF
6
1nF
7.2k
INPUT POWER (dBm)
–80
0
0.4
0.8
1.2
1.6
2.0
2.4
–40
°C
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 TA01b
20
85
°C
25
°C
VCC = ENBL = 3V
Output Voltage, Linearity Error
vs Input Power at 200MHz


Similar Part No. - LT5537

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
LT5537 AD-LT5537 Datasheet
1Mb / 18P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
Rev. D
logo
Linear Technology
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
Wide Dynamic Range RF/IF Log Detector
More results

Similar Description - LT5537

ManufacturerPart #DatasheetDescription
logo
Rohm
BH4126FV ROHM-BH4126FV Datasheet
102Kb / 10P
Wide band IF detector for RF remote control units
logo
Hamamatsu Corporation
F4655-01 HAMAMATSU-F4655-01 Datasheet
59Kb / 2P
WIDE DYNAMIC RANGE MCP ASSEMBLY FOR HELIUM LEAK DETECTOR
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
High Dynamic Range IF Amplifier
AH31 WJCI-AH31 Datasheet
326Kb / 7P
High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
High Dynamic Range IF Amplifier
logo
Linear Technology
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
Wide Dynamic Range RF/IF Log Detector
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
High Dynamic Range IF Amplifier
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com