Electronic Components Datasheet Search
  English  ▼

X  

LT5537 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5537
Description  Wide Dynamic Range RF/IF Log Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537 Datasheet(HTML) 4 Page - Linear Technology

  LT5537 Datasheet HTML 1Page - Linear Technology LT5537 Datasheet HTML 2Page - Linear Technology LT5537 Datasheet HTML 3Page - Linear Technology LT5537 Datasheet HTML 4Page - Linear Technology LT5537 Datasheet HTML 5Page - Linear Technology LT5537 Datasheet HTML 6Page - Linear Technology LT5537 Datasheet HTML 7Page - Linear Technology LT5537 Datasheet HTML 8Page - Linear Technology LT5537 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT5537
5537fa
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Maximum differential AC input voltage between IN+ and IN– is 4V
peak. Equivalent to 22dBm with 50
Ω input impedance or 16dBm with
200
Ω input impedance (1:4 transformer used).
Note 3: Tests are performed as shown in the configuration of Figure 13.
Note 4: Specifications over the –40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
control.
Note 5: Operation at lower frequency is possible as described in the “Low
Frequency Operation” section in Applications Information.
Note 6: The maximum output voltage is limited to approximately VCC –
0.6V. Either the output slope should be reduced or input power level
should be limited in order to avoid saturating the output circuit when VCC <
3V. See discussion in “Dynamic Range” section.
Note 7: Sensitivity is defined as the minimum input power required for the
output voltage to be within 3dB of the ideal log-linear transfer curve.
Sensitivity can be improved by as much as 10dB by using a narrowband
input impedance transformation network. See discussion in “Input
Matching” section.
Note 8: The output slope is adjustable using an external pull-down resistor
(R1). See Applications Information for description of the output circuit.
SUPPLY VOLTAGE (V)
2.5
10
12
14
16
18
20
3.0
3.5
4.0
4.5
5537 G02
5.0
5.5
TA = 85°C
TA = 25°C
TA = –40°C
RF INPUT SIGNAL OFF
ENBL = VCC
SUPPLY VOLTAGE (V)
2.5
50
100
150
200
250
3.0
3.5
4.0
4.5
5537 G03
5.0
5.5
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT SIGNAL OFF
ENBL = VCC
Supply Current vs Supply Voltage
ENBL Current vs Supply Voltage
VCC = 3V, ENBL = 3V, TA = 25°C, unless otherwise specified. (Notes 3, 4)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
Supply Voltage
(Note 6)
2.7
5.25
V
Supply Current
VCC = 3V
10
13.5
15
mA
Shutdown Current
ENBL = Low
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com