Electronic Components Datasheet Search
  English  ▼

X  

LT5537 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5537
Description  Wide Dynamic Range RF/IF Log Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537 Datasheet(HTML) 5 Page - Linear Technology

  LT5537 Datasheet HTML 1Page - Linear Technology LT5537 Datasheet HTML 2Page - Linear Technology LT5537 Datasheet HTML 3Page - Linear Technology LT5537 Datasheet HTML 4Page - Linear Technology LT5537 Datasheet HTML 5Page - Linear Technology LT5537 Datasheet HTML 6Page - Linear Technology LT5537 Datasheet HTML 7Page - Linear Technology LT5537 Datasheet HTML 8Page - Linear Technology LT5537 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT5537
5537fa
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT Variation vs Input Power
at 50MHz
Output Voltage, Linearity Error
vs Input Power at 100MHz
VOUT Variation vs Input Power
at 100MHz
INPUT POWER (dBm)
–80
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 G07
20
NORMALIZED AT 25
°C
VCC = ENBL = 3V
85
°C
–40
°C
INPUT POWER (dBm)
–80
0
0.4
0.8
1.2
1.6
2.0
2.4
–40
°C
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 G08
20
25
°C
VCC = ENBL = 3V
85
°C
INPUT POWER (dBm)
–80
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 G09
20
NORMALIZED AT 25
°C
VCC = ENBL = 3V
85
°C
–40
°C
Output Voltage, Linearity Error
vs Input Power at 200MHz
VOUT Variation vs Input Power
at 200MHz
Typical Detector Characteristics
INPUT POWER (dBm)
–80
0
0.4
0.8
1.2
1.6
2.0
2.4
–40
°C
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 G10
20
85
°C
25
°C
VCC = ENBL = 3V
INPUT POWER (dBm)
–80
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 G11
20
NORMALIZED AT 25
°C
VCC = ENBL = 3V
85
°C
–40
°C
INPUT POWER (dBm)
–80
1.6
5V
3V
2.0
2.4
0
5537 G12
1.2
0.8
0.4
0
–60
–40
–20
20
TA = 25°C
200MHz
ENBL = VCC
Output Voltage, Linearity Error
vs Input Power at 10MHz
VOUT Variation vs Input Power
at 10MHz
INPUT POWER (dBm)
–80
0
0.4
0.8
1.2
1.6
2.0
2.4
–40
°C
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 G04
20
85
°C
25
°C
VCC = ENBL = 3V
Output Voltage, Linearity Error
vs Input Power at 50MHz
INPUT POWER (dBm)
–80
–3
–2
–1
0
1
2
3
–40
°C
–60
–40
–20
0
5537 G05
20
85
°C
NORMALIZED AT 25
°C
VCC = ENBL = 3V
INPUT POWER (dBm)
–80
0
0.4
0.8
1.2
1.6
2.0
2.4
–40
°C
–3
–2
–1
0
1
2
3
–60
–40
–20
0
5537 G06
20
25
°C
VCC = ENBL = 3V
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com