Electronic Components Datasheet Search
  English  ▼

X  

LT5537 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5537
Description  Wide Dynamic Range RF/IF Log Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537 Datasheet(HTML) 3 Page - Linear Technology

  LT5537 Datasheet HTML 1Page - Linear Technology LT5537 Datasheet HTML 2Page - Linear Technology LT5537 Datasheet HTML 3Page - Linear Technology LT5537 Datasheet HTML 4Page - Linear Technology LT5537 Datasheet HTML 5Page - Linear Technology LT5537 Datasheet HTML 6Page - Linear Technology LT5537 Datasheet HTML 7Page - Linear Technology LT5537 Datasheet HTML 8Page - Linear Technology LT5537 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT5537
5537fa
VCC = 3V, ENBL = 3V, TA = 25°C, unless otherwise specified. (Notes 3, 4)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
f = 100MHz
Linear Dynamic Range
±3dB Error
90.5
dB
±1dB Error
82.8
dB
Slope
R1 = 33k (Note 8)
20.3
mV/dB
Intercept
VOUT = 0V, Extrapolated
–95
dBm
Sensitivity
(Notes 3, 7)
–77
dBm
Temperature Coefficient
PIN = –20dBm
–0.004
dB/
°C
f = 200MHz
Linear Dynamic Range
±3dB Error
90.3
dB
±1dB Error
83.5
dB
Slope
R1 = 33k (Note 8)
21.2
mV/dB
Intercept
VOUT = 0V, Extrapolated
–94
dBm
Sensitivity
(Notes 3, 7)
–76.4
dBm
Temperature Coefficient
PIN = –20dBm
0.010
dB/
°C
f = 400MHz
Linear Dynamic Range
±3dB Error
88.2
dB
±1dB Error
70.8
dB
Slope
R1 = 33k (Note 8)
23.1
mV/dB
Intercept
VOUT = 0V, Extrapolated
–91
dBm
Sensitivity
(Notes 3, 7)
–75.3
dBm
Temperature Coefficient
PIN = –20dBm
0.019
dB/
°C
f = 600MHz
Linear Dynamic Range
±3dB Error
85.8
dB
±1dB Error
72.5
dB
Slope
R1 = 33k (Note 8)
25.2
mV/dB
Intercept
VOUT = 0V, Extrapolated
–89
dBm
Sensitivity
(Notes 3, 7)
–74.1
dBm
Temperature Coefficient
PIN = –20dBm
0.026
dB/
°C
f = 1GHz
Linear Dynamic Range
±3dB Error
63.5
dB
±1dB Error
51.7
dB
Slope
R1 = 33k (Note 8)
31.4
mV/dB
Intercept
VOUT = 0V, Extrapolated
–80
dBm
Sensitivity
(Notes 3, 7)
–69.2
dBm
Temperature Coefficient
PIN = –20dBm
0.031
dB/
°C
Output
Starting Voltage
No RF Signal Present
0.4
V
Response Time
Input from –30dBm to 0dBm, CLOAD = 2.5pF
110
ns
Baseband Modulation Bandwidth
Output Load Capacitance = 2.5pF
6
MHz
Shutdown Mode
ENBL = High (On)
1V
ENBL = Low (Off)
0.3
V
ENBL Input Current
VENBL = 3V
100
µA
VENBL = 0V
0
µA
Turn-On Time
100
µs
Turn-Off Time
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com