Electronic Components Datasheet Search
  English  ▼

X  

LT5560 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5560
Description  0.01MHz to 4GHz Low Power Active Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5560 Datasheet(HTML) 1 Page - Linear Technology

  LT5560 Datasheet HTML 1Page - Linear Technology LT5560 Datasheet HTML 2Page - Linear Technology LT5560 Datasheet HTML 3Page - Linear Technology LT5560 Datasheet HTML 4Page - Linear Technology LT5560 Datasheet HTML 5Page - Linear Technology LT5560 Datasheet HTML 6Page - Linear Technology LT5560 Datasheet HTML 7Page - Linear Technology LT5560 Datasheet HTML 8Page - Linear Technology LT5560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT5560
1
5560f
0.01MHz to 4GHz
Low Power Active Mixer
The LT®5560 is a low power, high performance broad-
band active mixer. This double-balanced mixer can be
driven by a single-ended LO source and requires only
–2dBm of LO power. The balanced design results in
low LO leakage to the output, while the integrated input
amplifier provides excellent LO to IN isolation. The sig-
nal ports can be impedance matched to a broad range
of frequencies, which allows the LT5560 to be used as
an up- or down-conversion mixer in a wide variety of
applications.
The LT5560 is characterized with a supply current of 10mA;
however, the DC current is adjustable, which allows the
performance to be optimized for each application with a
single resistor. For example, when biased at its maximum
supply current (13.4mA), the typical upconverting mixer
IIP3 is +10.8dBm for a 900MHz output.
■
Portable Wireless
■
CATV/DBS Receivers
■
WiMAX Radios
■
PHS Basestations
■
RF Instrumentation
■
Microwave Data Links
■
VHF/UHF 2-Way Radios
■
Up or Downconverting Applications
■
Noise Figure: 9.3dB Typical at 900MHz Output
■
Conversion Gain: 2.4dB Typical
■
IIP3: 9dBm Typical at ICC = 10mA
■
Adjustable Supply Current: 4mA to 13.4mA
■
Low LO Drive Level: –2dBm
■
Single-Ended or Differential LO
■
High Port-to-Port Isolation
■
Enable Control with Low Off-State Leakage Current
■
Single 2.7V to 5V Supply
■
Small 3mm × 3mm DFN Package
Low Cost 900MHz Downconverting Mixer
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
IFOUT and IM3 Levels
vs RF Input Power
1
2
3
4
8
9
7
6
5
IN+
IN–
LO–
EN
EN
OUT+
OUT–
LO+
U1
LT5560
PGND
RFIN
900MHz
LOIN
760MHz
IFOUT
140MHz
VCC
15nH
100pF
100pF
4.7pF
6.8nH
270nH
5560 TA01
270nH
15nH
6.8nH
270nH
1nF
1
µF
2.7V TO 5.3V
33pF
4.7pF
100pF
4.7pF
4.7pF
RF INPUT POWER (dBm)
–80
–60
–20
10
–70
–40
0
–30
–50
–10
–16
–12
–8
–4
5560 TA02
0
–18
–20
–14
–10
–6
–2
IM3
IFOUT
TA = 25°C
VCC = 3V
ICC = 13.3mA
fLO = 760MHz
fIF = 140MHz


Similar Part No. - LT5560

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5560 LINER-LT5560 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5560 LINER-LT5560_15 Datasheet
455Kb / 28P
0.01MHz to 4GHz Low Power Active Mixer
More results

Similar Description - LT5560

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LT5560 LINER-LT5560_15 Datasheet
455Kb / 28P
0.01MHz to 4GHz Low Power Active Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5569 LINER-LTC5569_15 Datasheet
417Kb / 22P
300MHz to 4GHz 3.3V Dual Active Downconverting Mixer
logo
RF Micro Devices
SGB2400 RFMD-SGB2400 Datasheet
120Kb / 5P
DC TO 4GHz ACTIVE BIAS SiGe HBT MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAMX-011023 MA-COM-MAMX-011023 Datasheet
1Mb / 10P
Low Noise Active Mixer
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
LF??GHz Wideband Low Power Active Mixer
LTC5544 LINER-LTC5544 Datasheet
1Mb / 12P
4GHz to 6GHz High Dynamic Range Downconverting Mixer
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
300MHz to 4GHz Active Downconverting Mixer with Wideband IF
logo
Mini-Circuits
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com