Electronic Components Datasheet Search
  English  ▼

X  

LT5560 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5560
Description  0.01MHz to 4GHz Low Power Active Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5560 Datasheet(HTML) 3 Page - Linear Technology

  LT5560 Datasheet HTML 1Page - Linear Technology LT5560 Datasheet HTML 2Page - Linear Technology LT5560 Datasheet HTML 3Page - Linear Technology LT5560 Datasheet HTML 4Page - Linear Technology LT5560 Datasheet HTML 5Page - Linear Technology LT5560 Datasheet HTML 6Page - Linear Technology LT5560 Datasheet HTML 7Page - Linear Technology LT5560 Datasheet HTML 8Page - Linear Technology LT5560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT5560
3
5560f
AC ELECTRICAL CHARACTERISTICS V
CC = 3V, EN = 3V, TA = 25°C, PIN = –20dBm (–20dBm/tone for 2-tone
IIP3 tests, Δf = 1MHz), PLO = –2dBm, unless otherwise noted. Test circuits are shown in Figures 1, 2 and 3. (Notes 2 and 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Signal Input Return Loss
Z = 50Ω, External Match
15
dB
LO Input Return Loss
Z = 50Ω, External Match
15
dB
Signal Output Return Loss
Z = 50Ω, External Match
15
dB
LO Input Power
– 6 to 1
dBm
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
2.7
2.4
1.2
dB
dB
dB
Conversion Gain vs Temperature
TA = –40°C to 85°C, fOUT = 900MHz
– 0.015
dB/°C
Input 3rd Order Intercept
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
9.6
9.0
8.0
dBm
dBm
dBm
Input 2nd Order Intercept
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
46
47
30
dBm
dBm
dBm
Single Sideband Noise Figure
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
8.8
9.3
10.3
dB
dB
dB
IN to LO Isolation (with LO Applied)
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
69
64
64
dB
dB
dB
LO to IN Leakage
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
–63
–54
–36
dBm
dBm
dBm
LO to OUT Leakage
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
–44
–41
–36
dBm
dBm
dBm
Input 1dB Compression Point
fIN = 70MHz, fOUT = 450MHz
fIN = 140MHz, fOUT = 900MHz
fIN = 140MHz, fOUT = 1900MHz
0.4
–2.8
–0.8
dBm
dBm
dBm
Upconverting Mixer Configuration: VCC = 3V, EN = 3V, TA = 25°C, PIN = –20dBm (–20dBm/tone for 2-tone IIP3 tests, Δf = 1MHz), PLO =
–2dBm, unless otherwise noted. High side LO for 450MHz tests, low side LO for 900MHz and 1900MHz tests. Test circuits are shown in
Figures 1 and 3. (Notes 2, 3 and 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
fIN = 450MHz, fOUT = 70MHz
fIN = 900MHz, fOUT = 140MHz
fIN = 1900MHz, fOUT = 140MHz
2.7
2.6
2.3
dB
dB
dB
Conversion Gain vs Temperature
TA = – 40°C to 85°C, fIN = 900MHz
– 0.015
dB/°C
Input 3rd Order Intercept
fIN = 450MHz, fOUT = 70MHz
fIN = 900MHz, fOUT = 140MHz
fIN = 1900MHz, fOUT = 140MHz
10.1
9.7
5.6
dBm
dBm
dBm
Single Sideband Noise Figure
fIN = 450MHz, fOUT = 70MHz
fIN = 900MHz, fOUT = 140MHz
fIN = 1900MHz, fOUT = 140MHz
10.5
10.1
10.8
dB
dB
dB
Downconverting Mixer Configuration: VCC = 3V, EN = 3V, TA = 25°C, PIN = –20dBm (–20dBm/tone for 2-tone IIP3 tests, Δf = 1MHz),
PLO = –2dBm, unless otherwise noted. High side LO for 450MHz tests, low side LO for 900MHz and 1900MHz tests. Test circuits are
shown in Figures 2 and 3. (Notes 2, 3 and 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com