Electronic Components Datasheet Search
  English  ▼

X  

LT5560 Datasheet(PDF) 21 Page - Linear Technology

Part # LT5560
Description  0.01MHz to 4GHz Low Power Active Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5560 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT5560 Datasheet HTML 17Page - Linear Technology LT5560 Datasheet HTML 18Page - Linear Technology LT5560 Datasheet HTML 19Page - Linear Technology LT5560 Datasheet HTML 20Page - Linear Technology LT5560 Datasheet HTML 21Page - Linear Technology LT5560 Datasheet HTML 22Page - Linear Technology LT5560 Datasheet HTML 23Page - Linear Technology LT5560 Datasheet HTML 24Page - Linear Technology LT5560 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT5560
21
5560f
R1 (
Ω)
0
4
6
8
10
5
10
15
20
5560 F13
25
12
14
5
7
9
11
13
30
TA = 25°C
VCC = 3V
SUPPLY CURRENT (mA)
4
4
6
8
10
14
5560 F14
2
0
–2
68
12
10
12
14
SSB NF
IIP3
GAIN
TA = 25°C
VCC = 3V
fLO = 760MHz
fIF = 140MHz
PLO = –2dBm
SUPPLY CURRENT (mA)
4
4
6
8
10
14
5560 F15
2
0
–2
68
12
10
12
14
SSB NF
IIP3
GAIN
MEASURED WITH InF CAP ACROSS R1
TA = 25°C
VCC = 3V
fLO = 760MHz
fIF = 140MHz
PLO = –2dBm
APPLICATIO S I FOR ATIO
Figure 12. Enable Input Circuit
Enable Interface
Figure 12 shows a simplified schematic of the EN pin
interface. The voltage necessary to turn on the LT5560 is
2V. To disable the chip, the enable voltage must be less
than 0.3V. If the EN pin is allowed to float, the chip will tend
to remain in its last operating state, thus it is not recom-
mended that the enable function be used in this manner.
If the shutdown function is not required, then the EN pin
should be connected directly to VCC.
The voltage at the EN pin should never exceed the power
supply voltage (VCC) by more than 0.3V. If this should
occur, the supply current could be sourced through the
EN pin ESD diode, potentially damaging the IC.
Figure 13. Typical Supply Current vs R1 Value
Figure 14. 900MHz Upconverting Mixer Gain,
Noise Figure and IIP3 vs Supply Current
Figure 15. 900MHz Downconverting Mixer Gain,
Noise Figure and IIP3 vs Supply Current
Adjustable Supply Current
The LT5560 offers a direct trade-off between power sup-
ply current and linearity. This capability allows the user
to optimize the performance and power dissipation of
the mixer for a particular application. The supply current
can be adjusted by changing the value of resistor R1 at
the center-tap of the input balun. For downconversion
applications, a bypass capacitor in parallel with R1 may
be desired to minimize noise figure. The bypass capacitor
has a greater effect on noise figure at larger values of R1.
In upmixer configurations, adding a capacitor across R1
has little effect.
Figure 13 shows the supply current as a function of R1.
Note that the current will also be affected by parasitic
resistance in the matching components. Figure 14 il-
lustrates the effect of supply current on Gain, IIP3 and
NF of a 900MHz upconverting mixer. The performance
LT5560
60k
EN
VCC
5560 F12
2
vs current of a 900MHz downconverting mixer is plotted
in Figure 15. In this example, a 1nF capacitor has been
placed in parallel to R1 for best noise figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com