Electronic Components Datasheet Search
  English  ▼

X  

LT5560 Datasheet(PDF) 19 Page - Linear Technology

Part # LT5560
Description  0.01MHz to 4GHz Low Power Active Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5560 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT5560 Datasheet HTML 15Page - Linear Technology LT5560 Datasheet HTML 16Page - Linear Technology LT5560 Datasheet HTML 17Page - Linear Technology LT5560 Datasheet HTML 18Page - Linear Technology LT5560 Datasheet HTML 19Page - Linear Technology LT5560 Datasheet HTML 20Page - Linear Technology LT5560 Datasheet HTML 21Page - Linear Technology LT5560 Datasheet HTML 22Page - Linear Technology LT5560 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT5560
19
5560f
APPLICATIO S I FOR ATIO
Signal Output Port
A simplified schematic of the output circuit is shown in
Figure 9. The output pins, OUT+ and OUT–, are internally
connected to the collectors of the mixer transistors. These
pins must be biased at the supply voltage, which can be
applied through a transformer center-tap, impedance
matching inductors, RF chokes, or pull-up resistors. With
external resistor R1 = 3Ω (Figures 1 to 3), each OUT pin
draws about 4.5mA of supply current. For optimum per-
formance, these differential outputs should be combined
externally through a transformer or balun.
An equivalent small-signal model for the output is shown
in Figure 10. The output impedance can be modeled as
a 1.2kΩ resistor in parallel with a 0.7pF capacitor. For
low frequency applications, the 0.7nH series bond-wire
inductances can be ignored.
The external components, C2, L3 and L4, form a lowpass
impedance transformation network to match the mixer
output impedance to the input impedance of transformer
T2. The values for these components can be estimated
Figure 9. Output Port Schematic
Figure 10. Output Port Small-Signal Model
with External Matching
OUT+
OUT–
0.7pF
LT5560
1.2k
VCC
5560 F09
6
5
using the impedance parameters listed in Table 6 along
with similar equations as used for the input matching net-
work. As an example, at an output frequency of 140MHz
and RL = 200Ω (using a 4:1 transformer for T2),
n
==
=
R
R
S
L
1082
200
541
.
Q
=−
() =
n
12 10
.
X
R
Q
C
S
== 515Ω
C
X
pF
C
==
1
221
ω •
.
C2 = C – CINT = 1.51pF
XL = RL • Q = 420Ω
LL
X
nH
L
34
2
239
==
=
ω
OUT
LT5560
C2
C10
0.7nH
0.7nH
L3
L4
T2
VCC
6
5
5560 F10
OUT+
OUT–
CINT
0.7pF
RINT
1.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com