Electronic Components Datasheet Search
  English  ▼

X  

LT5560 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5560
Description  0.01MHz to 4GHz Low Power Active Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5560 Datasheet(HTML) 4 Page - Linear Technology

  LT5560 Datasheet HTML 1Page - Linear Technology LT5560 Datasheet HTML 2Page - Linear Technology LT5560 Datasheet HTML 3Page - Linear Technology LT5560 Datasheet HTML 4Page - Linear Technology LT5560 Datasheet HTML 5Page - Linear Technology LT5560 Datasheet HTML 6Page - Linear Technology LT5560 Datasheet HTML 7Page - Linear Technology LT5560 Datasheet HTML 8Page - Linear Technology LT5560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT5560
4
5560f
VOLTAGE (V)
2.5
8
9
10
11
12
3
3.5
4
4.5
5560 G01
5
5.5
25
°C
85
°C
–40
°C
VOLTAGE (V)
2.5
0.0
0.2
0.4
0.8
1.0
3
3.5
4
4.5
5560 G02
0.6
5
5.5
25
°C
85
°C
–40
°C
AC ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Each set of frequency conditions requires an appropriate test board.
Note 3: Specifications over the –40°C to +85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Supply Current
vs Supply Voltage
Shutdown Current
vs Supply Voltage
TYPICAL DC PERFOR A CE CHARACTERISTICS (Test Circuit Shown in Figure 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN to LO Isolation (with LO Applied)
fIN = 450MHz, fOUT = 70MHz
fIN = 900MHz, fOUT = 140MHz
fIN = 1900MHz, fOUT = 140MHz
52
52
25
dB
dB
dB
LO to IN Leakage
fIN = 450MHz, fOUT = 70MHz
fIN = 900MHz, fOUT = 140MHz
fIN = 1900MHz, fOUT = 140MHz
–52
–57
–37
dBm
dBm
dBm
LO to OUT Leakage
fIN = 450MHz, fOUT = 70MHz
fIN = 900MHz, fOUT = 140MHz
fIN = 1900MHz, fOUT = 140MHz
–47
–63
–24
dBm
dBm
dBm
2RF – 2LO Output Spurious (Half IF)
Product (fIN = fLO + fOUT/2)
450MHz: fIN = 485MHz, fOUT = 70MHz
900MHz: fIN = 830MHz, fOUT = 140MHz
1900MHz: fIN = 1830MHz, fOUT = 140MHz
–68
–69
–47
dBc
dBc
dBc
3RF – 3LO Output Spurious (1/3 IF)
Product (fIN = fLO + fOUT/3)
450MHz: fIN = 496.7MHz, fOUT = 69.9MHz
900MHz: fIN = 806.7MHz, fOUT = 140.1MHz
1900MHz: fIN = 1806.7MHz, fOUT = 140.1MHz
–79
–76
–62
dBc
dBc
dBc
Input 1dB Compression Point
fIN = 450MHz, fOUT = 70MHz
fIN = 900MHz, fOUT = 140MHz
fIN = 1900MHz, fOUT = 140MHz
–0.8
0
–2.2
dBm
dBm
dBm
Note 4: Operation over a wider frequency range is possible with reduced
performance. Consult the factory for information and assistance.
Note 5: SSB Noise Figure measurements are performed with a small-
signal noise source and bandpass filter on the RF input (downmixer) or
output (upmixer), and no other RF input signal applied.
Downconverting Mixer Configuration: VCC = 3V, EN = 3V, TA = 25°C,
PIN = –20dBm (–20dBm/tone for 2-tone IIP3 tests, Δf = 1MHz), PLO = –2dBm, unless otherwise noted. High side LO for 450MHz tests,
low side LO for 900MHz and 1900MHz tests. Test circuits are shown in Figures 2 and 3. (Notes 2, 3 and 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com