Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5572
Description  1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5572 Datasheet HTML 3Page - Linear Technology LT5572 Datasheet HTML 4Page - Linear Technology LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology LT5572 Datasheet HTML 10Page - Linear Technology LT5572 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT5572
7
5572f
LO Leakage Distribution
Image Rejection Distribution
TYPICAL PERFOR A CE CHARACTERISTICS V
CC = 5V, EN = High, TA = 25°C, fLO = 2.14GHz,
PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, baseband input frequency fBB = 2MHz, I and Q 90° shifted, without image or
LO feedthrough nulling. fRF = fBB + fLO (upper sideband selection). PRF(OUT) = –10dBm (–10dBm/tone for 2-tone measurements),
unless otherwise noted. (Note 3)
PI FU CTIO S
EN (Pin 1): Enable Input. When the EN pin voltage is higher
than 1V, the IC is turned on. When the input voltage is less
than 0.5V, the IC is turned off.
GND (Pins 2, 4, 6, 9, 10, 12, 15, 17): Ground. Pins 6, 9,
15 and the Exposed Pad, Pin 17, are connected to each
other internally. Pins 2 and 4 are connected to each other
internally and function as the ground return for the LO
signal. Pins 10 and 12 are connected to each other inter-
nally and function as the ground return for the on-chip RF
balun. For best RF performance, Pins 2, 4, 6, 9, 10, 12,
15 and the Exposed Pad, Pin 17, should be connected to
the printed circuit board ground plane.
LO (Pin 3): LO Input. The LO input is an AC-coupled single-
ended input with approximately 50Ω input impedance at
RF frequencies. Externally applied DC voltage should be
within the range –0.5V to (VCC + 0.5V) in order to avoid
turning on ESD protection diodes.
BBPQ, BBMQ (Pins 7, 5): Baseband Inputs for the Q chan-
nel with about 90kΩ differential input impedance. These
pins should be externally biased at about 0.5V. Applied
common mode voltage must stay below 0.6V.
VCC (Pins 8, 13): Power Supply. Pins 8 and 13 are con-
nected to each other internally. It is recommended to use
0.1µF capacitors for decoupling to ground on each of
these pins.
RF (Pin 11): RF Output. The RF output is an AC-coupled
single-ended output with approximately 50Ω output im-
pedance at RF frequencies. Externally applied DC voltage
should be within the range –0.5V to (VCC + 0.5V) in order
to avoid turning on ESD protection diodes.
BBPI, BBMI (Pins 14, 16): Baseband Inputs for the I chan-
nel with about 90kΩ differential input impedance. These
pins should be externally biased at about 0.5V. Applied
common mode voltage must stay below 0.6V.
LO LEAKAGE (dBm)
<–45
20
25
30
–33
–35
5572 G27
15
10
0
–43
–41
–39
–37
5
45
40
35
–40
°C
25
°C
85
°C
fLO = 2GHz
IMAGE REJECTION (dBc)
<–52
0
5
15
20
25
35
5572 G28
10
30
–44
–48
–40
–36
–40
°C
25
°C
85
°C
fLO = 2GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com