Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5572
Description  1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 4 Page - Linear Technology

  LT5572 Datasheet HTML 1Page - Linear Technology LT5572 Datasheet HTML 2Page - Linear Technology LT5572 Datasheet HTML 3Page - Linear Technology LT5572 Datasheet HTML 4Page - Linear Technology LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT5572
4
5572f
Supply Current vs Supply Voltage
RF Output Power vs LO Frequency
at 1VP-P Differential Baseband
Drive
Voltage Gain vs LO Frequency
Output IP3 vs LO Frequency
Output IP2 vs LO Frequency
Output 1dB Compression
vs LO Frequency
LO Feedthrough to RF Output
vs LO Frequency
2 • LO Leakage to RF Output
vs 2 • LO Frequency
3 • LO Leakage to RF Output
vs 3 • LO Frequency
TYPICAL PERFOR A CE CHARACTERISTICS V
CC = 5V, EN = High, TA = 25°C, fLO = 2.14GHz,
PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, baseband input frequency fBB = 2MHz, I and Q 90° shifted, without image or
LO feedthrough nulling. fRF = fBB + fLO (upper sideband selection). PRF(OUT) = –10dBm (–10dBm/tone for 2-tone measurements),
unless otherwise noted. (Note 3)
SUPPLY VOLTAGE (V)
4.5
120
130
5.5
5572 G01
110
100
5
140
85
°C
25
°C
–40
°C
LO FREQUENCY (GHz)
1.3
0
2
4
1.9
2.3
5572 G02
–2
–4
1.5
1.7
2.1
2.5
2.7
–6
–8
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (GHz)
1.3
–4
–2
0
1.9
2.3
5572 G03
–6
–8
1.5
1.7
2.1
2.5
2.7
–10
–12
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (GHz)
1.3
24
1.9
5572 G04
18
14
1.5
1.7
2.1
12
10
26
22
20
16
2.3
2.5
2.7
fBB1 = 2MHz
fBB2 = 2.1MHz
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (GHz)
1.3
45
50
55
60
65
1.5
1.7
1.9
2.1
5572 G05
2.3
2.5
2.7
fIM2 = fBB1 + fBB2 + fLO
fBB1 = 2MHz
fBB2 = 2.1MHz
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (GHz)
1.3
8
10
12
1.9
2.3
5572 G06
6
4
1.5
1.7
2.1
2.5
2.7
2
0
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (GHz)
1.3
1.5
–60
–50
–35
1.7
2.1
2.3
5572 G07
–55
–40
–45
1.9
2.5
2.7
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
2 • LO FREQUENCY (GHz)
2.6
–25
3.8
5572 G08
–40
–50
3
3.4
4.2
–55
–60
–20
–30
–35
–45
4.6
5
5.4
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
3 • LO FREQUENCY (GHz)
3.9
–35
5.7
5572 G09
–50
–60
4.5
5.1
6.3
–65
–70
–30
–40
–45
–55
6.9
7.5
8.1
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com